Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSPM4551 Datasheet (PDF) - Renesas Technology Corp

ZSPM4551 Datasheet PDF - Renesas Technology Corp
Part # ZSPM4551
Download  ZSPM4551 Download
File Size   636.16 Kbytes
Page   30 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High-Efficiency Charger for Li-Ion Batteries

ZSPM4551 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZSPM4551 Datasheet PDF - Renesas Technology Corp

Part # ZSPM4551
Download  ZSPM4551 Click to download

File Size   636.16 Kbytes
Page   30 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High-Efficiency Charger for Li-Ion Batteries

ZSPM4551 Datasheet (HTML) - Renesas Technology Corp


ZSPM4551 Product details

Features
•VBAT reverse-current blocking
•Programmable temperature-compensatedtermination voltage: 3.94V to 4.18V ± 1%
•User programmable maximum charge current:50mA to 1500mA
•Current mode PWM control in constant voltage
•Supervisor for VBAT reported at the NFLT pin
•Input supply under-voltage lockout
•Full protection for over-current, over-temperature,VBAT over-voltage, and charging timeout
•Charge status indication
•I2C™ program interface with EEPROM registers
Related IDT Smart Power Products
•ZSPM4121 Ultra-low Power Under-VoltageSwitch
•ZSPM4141 Ultra-Low-Power Linear Regulator
Physical Characteristics
•Wide input voltage range: VBAT + 0.3V (3.5V min.)to 7.2V
•Junction operating temperature: -40°C to 125°C
•Package: 16-pin PQFN (4mm x 4mm)




Similar Part No. - ZSPM4551

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZSPM4551 ETC2-ZSPM4551 Datasheet
1Mb / 30P
High-Efficiency Charger for Li-Ion Batteries
logo
Integrated Device Techn...
ZSPM4551 IDT-ZSPM4551 Datasheet
463Kb / 29P
High-Efficiency Charger for Li-Ion Batteries
logo
List of Unclassifed Man...
ZSPM4551AA1R ETC2-ZSPM4551AA1R Datasheet
1Mb / 30P
High-Efficiency Charger for Li-Ion Batteries
logo
Integrated Device Techn...
ZSPM4551AA1R IDT-ZSPM4551AA1R Datasheet
463Kb / 29P
High-Efficiency Charger for Li-Ion Batteries
logo
List of Unclassifed Man...
ZSPM4551AA1W ETC2-ZSPM4551AA1W Datasheet
1Mb / 30P
High-Efficiency Charger for Li-Ion Batteries
More results


Similar Description - ZSPM4551

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9220B INTERSIL-ISL9220B_10 Datasheet
463Kb / 15P
Switching Charger for 1-Cell Li-ion Batteries
July 2, 2010
logo
List of Unclassifed Man...
TS55001 ETC2-TS55001 Datasheet
1Mb / 22P
High Efficiency Li-Ion Battery Charger
logo
Intersil Corporation
ISL9219IRZ INTERSIL-ISL9219IRZ Datasheet
226Kb / 12P
Complete Charger for Single-Cell Li-ion/Polymer Batteries
April 7, 2010
logo
List of Unclassifed Man...
ZSPM4521 ETC2-ZSPM4521 Datasheet
273Kb / 3P
High-Efficiency Charger for Li-Ion Batteries with Photovoltaic Sources
ZSPM4551 ETC2-ZSPM4551 Datasheet
1Mb / 30P
High-Efficiency Charger for Li-Ion Batteries
logo
Intersil Corporation
ISL6292BCR INTERSIL-ISL6292BCR Datasheet
293Kb / 12P
Complete Charger for Single-Cell Li-ion Batteries
April 19, 2005
logo
Mean Well Enterprises C...
RCB-1600 MEANWELL-RCB-1600 Datasheet
193Kb / 6P
CHARGER FOR LEAD-ACID BATTERIES AND LI-ION BATTERIES
logo
Integrated Device Techn...
ZSPM4521 IDT-ZSPM4521 Datasheet
470Kb / 30P
High-Efficiency Charger for Li-Ion Batteries
ZSPM4551 IDT-ZSPM4551 Datasheet
463Kb / 29P
High-Efficiency Charger for Li-Ion Batteries
logo
Renesas Technology Corp
ZSPM4521 RENESAS-ZSPM4521 Datasheet
642Kb / 31P
High-Efficiency Charger for Li-Ion Batteries with Photovoltaic Sources
January 27, 2016
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com