Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BZB84_SER Datasheet (PDF) - Nexperia B.V. All rights reserved

BZB84_SER Datasheet PDF - Nexperia B.V. All rights reserved
Part # BZB84_SER
Download  BZB84_SER Download
File Size   2082.34 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Dual Zener diodes

BZB84_SER Datasheet (PDF)

Go To PDF Page Download Datasheet
BZB84_SER Datasheet PDF - Nexperia B.V. All rights reserved

Part # BZB84_SER
Download  BZB84_SER Click to download

File Size   2082.34 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Dual Zener diodes

BZB84_SER Datasheet (HTML) - Nexperia B.V. All rights reserved


BZB84_SER Product details

1.1 General description
General-purpose Zener diodes in a SOT23 (TO-236AB) small Surface-Mounted
Device (SMD) plastic package.

1.2 Features
n Non-repetitive peak reverse power
dissipation: £ 40 W
n Small plastic package suitable for
surface-mounted design
n Total power dissipation: £ 300 mW n Dual common anode configuration
n Two tolerance series:
B = ±2 % and C = ±5 %
n AEC-Q101 qualified
n Wide working voltage range:
nominal 2.4 V to 75 V (E24 range)

1.3 Applications
n General regulation functions




Similar Part No. - BZB84_SER

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZB84-B10 NXP-BZB84-B10 Datasheet
90Kb / 14P
Dual Zener diodes
Rev. 03-9 June 2009
BZB84-B10 NXP-BZB84-B10 Datasheet
90Kb / 14P
Dual Zener diodes
Rev. 03-9 June 2009
BZB84-B10 PHILIPS-BZB84-B10 Datasheet
90Kb / 14P
General-purpose Zener diodes in a SOT23 (TO-236AB) small Surface-Mounted Device (SMD) plastic package
Rev. 03-9 June 2009
BZB84-B10 NXP-BZB84-B10 Datasheet
90Kb / 14P
Dual Zener diodes
Rev. 03-9 June 2009
BZB84-B10 NXP-BZB84-B10 Datasheet
90Kb / 14P
Dual Zener diodes
Rev. 03-9 June 2009
More results


Similar Description - BZB84_SER

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
AZ23-C2V7 GE-AZ23-C2V7 Datasheet
387Kb / 8P
DUAL ZENER DIODES
logo
NXP Semiconductors
BZB84 NXP-BZB84 Datasheet
90Kb / 14P
Dual Zener diodes
Rev. 03-9 June 2009
PZUXDB2 NXP-PZUXDB2 Datasheet
124Kb / 12P
Dual Zener diodes
Rev. 01-31 March 2008
PZU7.5DB2 NXP-PZU7.5DB2 Datasheet
124Kb / 12P
Dual Zener diodes
Rev. 01-31 March 2008
PZU10DB2 NXP-PZU10DB2 Datasheet
124Kb / 12P
Dual Zener diodes
Rev. 01-31 March 2008
BZB84-B3V0 NXP-BZB84-B3V0 Datasheet
90Kb / 14P
Dual Zener diodes
Rev. 03-9 June 2009
BZB84-C20 NXP-BZB84-C20 Datasheet
90Kb / 14P
Dual Zener diodes
Rev. 03-9 June 2009
CD74ACT573M NXP-CD74ACT573M Datasheet
90Kb / 14P
Dual Zener diodes
Rev. 03-9 June 2009
PZU30DB2 NXP-PZU30DB2 Datasheet
124Kb / 12P
Dual Zener diodes
Rev. 01-31 March 2008
logo
Nexperia B.V. All right...
PZUXDB2_SER NEXPERIA-PZUXDB2_SER Datasheet
238Kb / 13P
Dual Zener diodes
Rev. 01 - 31 March 2008
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com