Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASCX Datasheet (PDF) - Honeywell Solid State Electronics Center

ASCX Datasheet PDF - Honeywell Solid State Electronics Center
Part # ASCX
Download  ASCX Download
File Size   318.65 Kbytes
Page   4 Pages
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center
Description Microstructure Pressure Sensors

ASCX Datasheet (PDF)

Go To PDF Page Download Datasheet
ASCX Datasheet PDF - Honeywell Solid State Electronics Center

Part # ASCX
Download  ASCX Click to download

File Size   318.65 Kbytes
Page   4 Pages
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center
Description Microstructure Pressure Sensors

ASCX Datasheet (HTML) - Honeywell Solid State Electronics Center


ASCX Product details

This series is a signal-conditioned version of Honeywell’s proven performer and industry leading SCX series sensor.

This amplified ASCX device is in a package the same as the SCX but it offers a high level (4.5 V span) output on a very cost-effective basis. This family is fully calibrated and temperature compensated over a range of 0 °C to 70 °C [32 °F to 158 °F] but can be operated from -25 °C to 105 °C [-13 °F to 221 °F]. These sensors are intended for use with non-corrosive, non-ionic working fluids such as air and dry gases.



FEATURES

• 5 Vdc Supply

• High Level Voltage Output

• Field Interchangeable

• Calibrated and Temperature Compensated

• Small Form Factor

• Low Power

• Offset Adjust



TYPICAL APPLICATIONS

• Medical Equipment

• Industrial Controls

• Pneumatic Controls



 




Similar Part No. - ASCX

ManufacturerPart #DatasheetDescription
logo
ams AG
ASCX-00 AMSCO-ASCX-00 Datasheet
1Mb / 24P
Industrial High-Power Flood Illuminator
v2-00 2023-Apr-04
logo
OSRAM GmbH
ASCX-00 OSRAM-ASCX-00 Datasheet
1Mb / 25P
Industrial High-Power Flood Illuminator
v2-00 2023-Apr-04
logo
ams-OSRAM AG
ASCX-00 AMSOSRAM-ASCX-00 Datasheet
1Mb / 25P
Industrial High-Power Flood Illuminator
v2-00 2023-Apr-04
More results


Similar Description - ASCX

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX2300D MOTOROLA-MPX2300D Datasheet
106Kb / 4P
PRESSURE SENSORS
logo
List of Unclassifed Man...
26PCSMT ETC1-26PCSMT Datasheet
69Kb / 4P
Microstructure Pressure Sensors
logo
EPCOS
B58600H8400A037 EPCOS-B58600H8400A037 Datasheet
143Kb / 8P
Pressure sensors
B58601G5010A001 EPCOS-B58601G5010A001 Datasheet
116Kb / 8P
Pressure sensors
B58601H8000A035 EPCOS-B58601H8000A035 Datasheet
138Kb / 8P
Pressure sensors
logo
Honeywell Solid State E...
SX7001D HONEYWELL-SX7001D Datasheet
82Kb / 4P
Microstructure Pressure Sensors 0 psi to 1 psi through 0 psi to 150 psi
SX15AD4 HONEYWELL-SX15AD4 Datasheet
82Kb / 4P
Microstructure Pressure Sensors 0 psi to 1 psi through 0 psi to 150 psi
SX30AD4 HONEYWELL-SX30AD4 Datasheet
82Kb / 4P
Microstructure Pressure Sensors 0 psi to 1 psi through 0 psi to 150 psi
SX100GSMT HONEYWELL-SX100GSMT Datasheet
82Kb / 4P
Microstructure Pressure Sensors 0 psi to 1 psi through 0 psi to 150 psi
logo
Honeywell Accelerometer...
HPX100AS HONEYWELL-ACC-HPX100AS Datasheet
300Kb / 4P
Microstructure Pressure Sensors
More results




About Honeywell Solid State Electronics Center


Honeywell Solid State Electronics Center (SSEC) was a research and development facility of Honeywell Inc. that operated from 1957 to 1993 in Minneapolis, Minnesota, United States. The center was dedicated to the research, development, and production of solid-state electronics, including microelectronics, semiconductors, and related technologies.

During its operation, SSEC made significant contributions to the advancement of the semiconductor industry, particularly in the areas of integrated circuits, transistor design, and fabrication processes. Notable accomplishments of SSEC include the development of the first silicon transistor, the first commercial silicon planar transistor, and the first integrated circuit to use metal oxide semiconductor (MOS) technology.

In 1993, Honeywell closed the SSEC facility as part of a broader restructuring of its operations. The company's semiconductor business was subsequently sold to SGS-Thomson (now STMicroelectronics) in 1999.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com