Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4680 Datasheet (PDF) - Analog Devices

AD4680 Datasheet PDF - Analog Devices
Part # AD4680
Download  AD4680 Download
File Size   1475.53 Kbytes
Page   33 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Pseudo Differential Input, Quad, 4 MSPS Simultaneous Sampling, 16-Bit/14-Bit, SAR ADC

AD4680 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD4680 Datasheet PDF - Analog Devices

Part # AD4680
Download  AD4680 Click to download

File Size   1475.53 Kbytes
Page   33 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Pseudo Differential Input, Quad, 4 MSPS Simultaneous Sampling, 16-Bit/14-Bit, SAR ADC

AD4680 Datasheet (HTML) - Analog Devices


AD4680 Product details

GENERAL DESCRIPTION
The 16-bit AD7383-4 and 14-bit AD7384-4 are pin-compatible,
quad, simultaneous sampling, high speed, successive approximation
register (SAR), analog-to-digital converters (ADCs) operating
from a 3.0 V to 3.3 V power supply with throughput rates up to
4 MSPS. The analog input type is a pseudo differential and is
sampled and converted on the falling edge of CS.
The AD7383-4/AD7384-4 have on-chip oversampling blocks to
improve dynamic range and reduce noise at lower bandwidths. The
oversampling boosts up to two bits of added resolution. A buffered
internal 2.5 V reference is included. Alternatively, an external reference
up to 3.3 V can be used.
The conversion process and data acquisition use standard control
inputs allowing easy interfacing to microprocessors or digital signal
processors (DSPs). The conversion result can clock out simultaneously
via 4-wire mode for faster throughput or via 1-wire serial
mode when slower throughput is allowed. The devices are compatible
with 1.8 V, 2.5 V, and 3.3 V interfaces using the separate logic supply.

FEATURES
► 16-bit and 14-bit ADC family
► Quad simultaneous sampling
► Pseudo differential analog inputs
► High throughput rate: 4 MSPS
► SNR: 86.7 dB (typical) at VREF = 3.3 V (AD7383-4)
► On-chip oversampling function
► SNR: 91 dB (typical) with OSR = 8×, RES = 1
► 2-bit resolution boost
► Out of range indicator (ALERT)
► INL: 3.8 LSBs (maximum)
► High speed serial interface
► Temperature range: −40°C to +125°C
► 24-lead, 4 mm × 4 mm LFCSP

APPLICATIONS
► Motor control position feedback
► Motor control current sense
► Data acquisition systems
► Erbium-doped fiber amplifier (EDFA) applications
► Inphase and quadrature demodulation

PRODUCT HIGHLIGHTS
1. Quad simultaneous sampling and conversion.
2. Pin-compatible product family.
3. High 4 MSPS throughput rate.
4. Space-saving 4 mm × 4 mm LFCSP.
5. Integrated oversampling block to increase dynamic range, reduce
noise, and reduce SCLK speed requirements.
6. Pseudo differential analog inputs.
7. Small sampling capacitor reduces amplifier drive burden.




Similar Part No. - AD4680

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD4680 AD-AD4680 Datasheet
427Kb / 29P
Differential Inputs, 1 MSPS/500 kSPS, Dual Simultaneous Sampling SAR ADCs
10/2020-Revision 0
AD4680 AD-AD4680 Datasheet
665Kb / 31P
Differential Input, Quad, External Reference Simultaneous Sampling, 16-Bit, SAR ADC
1/2022-Revision 0
AD4680 AD-AD4680 Datasheet
638Kb / 31P
Differential Input, Quad,14-Bit, Simultaneous Sampling, SAR ADC
1/2022-Revision 0
AD4680 AD-AD4680 Datasheet
611Kb / 31P
Differential Input, Quad, Internal Reference Simultaneous Sampling, 16-Bit SAR ADC
1/2022-Revision 0
AD4680BCPZ-RL AD-AD4680BCPZ-RL Datasheet
427Kb / 29P
Differential Inputs, 1 MSPS/500 kSPS, Dual Simultaneous Sampling SAR ADCs
10/2020-Revision 0
More results


Similar Description - AD4680

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7357 AD-AD7357 Datasheet
196Kb / 17P
Differential Input,Dual,Simultaneous Sampling, 4.25 MSPS, 14-Bit, SAR ADC
Rev. PrD
AD7356 AD-AD7356_08 Datasheet
531Kb / 20P
Differential Input, Dual, Simultaneous Sampling, 5 MSPS, 12-Bit, SAR ADC
REV. 0
AD7357 AD-AD7357_08 Datasheet
398Kb / 20P
Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
Rev. PrF
AD7357 AD-AD7357_09 Datasheet
469Kb / 20P
Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
REV. 0
AD7357 AD-AD7357_15 Datasheet
623Kb / 21P
Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
REV. B
AD7264 AD-AD7264_17 Datasheet
1Mb / 30P
1 MSPS, 14-Bit, Simultaneous Sampling SAR ADC
27-May-2017
AD7380-4 AD-AD7380-4 Datasheet
665Kb / 31P
Differential Input, Quad, External Reference Simultaneous Sampling, 16-Bit, SAR ADC
1/2022-Revision 0
AD7381-4 AD-AD7381-4 Datasheet
638Kb / 31P
Differential Input, Quad,14-Bit, Simultaneous Sampling, SAR ADC
1/2022-Revision 0
AD7389-4 AD-AD7389-4 Datasheet
611Kb / 31P
Differential Input, Quad, Internal Reference Simultaneous Sampling, 16-Bit SAR ADC
1/2022-Revision 0
AD7386-4 AD-AD7386-4 Datasheet
1Mb / 36P
Single-Ended Input, Quad, Simultaneous Sampling, 16-Bit/14-Bit/12-Bit, SAR ADC
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com