Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8608B Datasheet (PDF) - Analog Devices

LT8608B Datasheet PDF - Analog Devices
Part # LT8608B
Download  LT8608B Download
File Size   860.49 Kbytes
Page   35 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 65V, 3.5A/5A Peak Synchronous Step-Down Silent Switcher with 2.5μA Quiescent Current

LT8608B Datasheet (PDF)

Go To PDF Page Download Datasheet
LT8608B Datasheet PDF - Analog Devices

Part # LT8608B
Download  LT8608B Click to download

File Size   860.49 Kbytes
Page   35 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 65V, 3.5A/5A Peak Synchronous Step-Down Silent Switcher with 2.5μA Quiescent Current

LT8608B Datasheet (HTML) - Analog Devices


LT8608B Product details

GENERAL DESCRIPTION
The LT®8641A step-down regulator features Silent
Switcher architecture designed to minimize EMI
emissions while delivering high efficiency at frequencies
up to 3MHz. Assembled in a 3mm × 4mm side wettable
QFN, the monolithic construction with integrated power
switches and inclusion of all necessary circuitry yields a
solution with a minimal PCB footprint. An ultralow 2.5μA
quiescent current — with the output in full regulation —
enables applications requiring highest efficiency at very
small load currents. Transient response remains
excellent and output voltage ripple is below 10mVP-P at
any load, from zero to full current.
The LT8641A allows high VIN to low VOUT conversion at
high frequency with a fast minimum top switch on-time
of 35ns. Operation is safe in overload even with a
saturated inductor.
Essential features are included and easy to use: an opendrain
PG pin signals when the output is in regulation.
The SYNC/MODE pin selects between Burst Mode, pulseskipping,
or spread spectrum mode, and also allows
synchronization to an external clock. Soft-start and
tracking functionality are accessed through the TR/SS
pin. An accurate enable threshold can be set using the
EN/UV pin and a resistor at the RT pin programs switch frequency.

FEATURES
 Silent Switcher® Architecture
 Ultralow EMI Emissions
 Spread Spectrum Frequency Modulation
 High Efficiency at High Frequency
 Up to 95% Efficiency at 1MHz, 12VIN to 5VOUT
 Up to 94% Efficiency at 2MHz, 12VIN to 5VOUT
 Wide Input Voltage Range: 3V to 65V
 3.5A Maximum Continuous, 5A Peak Transient
Output
 Ultralow Quiescent Current Burst Mode®
Operation
 2.5μA IQ Regulating 12VIN to 3.3VOUT
 Output Ripple < 10mVP-P
 Fast Minimum Switch On-Time: 35ns
 True 2MHz Operation for 24VIN Systems
 Low Dropout Under All Conditions: 130mV at 1A
 Safely Tolerates Inductor Saturation in Overload
 Adjustable and Synchronizable: 200kHz to 3MHz
 Output Soft-Start and Tracking
 Small 18-Lead 3mm × 4mm Side Wettable QFN with Improved Solder Joint Reliability
 AEC-Q100 Qualified for Automotive Applications

APPLICATIONS
 Automotive and Industrial Supplies
 General Purpose Step-Down




Similar Part No. - LT8608B

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8608B LINER-LT8608B Datasheet
2Mb / 24P
42V, 1.5A Synchronous Step-Down Regulator with 2.5關A Quiescent Current
logo
Analog Devices
LT8608B AD-LT8608B Datasheet
1Mb / 31P
42V, 3.5A Synchronous Step-down Regulator with 2.5μA Quiescent Current
Rev 0
More results


Similar Description - LT8608B

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8614 LINER-LT8614_15 Datasheet
511Kb / 24P
42V, 4A Synchronous Step-Down Silent Switcher with 2.5A Quiescent Current
LT8640 LINER-LT8640_15 Datasheet
751Kb / 26P
42V, 5A Synchronous Step-Down Silent Switcher with 2.5A Quiescent Current
LT8646S LINER-LT8646S Datasheet
570Kb / 8P
65V, 8A Synchronous Step-Down Silent Switcher 2
LT8641 LINER-LT8641 Datasheet
3Mb / 26P
65V, 3.5A Synchronous Step-Down Silent Switcher with 2.5關A Quiescent Current
LT8645S LINER-LT8645S Datasheet
453Kb / 30P
65V, 8A Synchronous Step-Down Silent Switcher 2 with 2.5關A Quiescent Current
logo
Analog Devices
LT8636 AD-LT8636 Datasheet
2Mb / 32P
42V, 5A/7A Peak Synchronous Step-Down Silent Switcher with 2.5關A Quiescent Current
12/20-REV.C
LT8640A AD-LT8640A Datasheet
1Mb / 28P
42V, 5A/8A Peak Synchronous Step-Down Silent Switcher with 2.5關A Quiescent Current
Rev. 0
LT8645S-2 AD-LT8645S-2 Datasheet
3Mb / 30P
65V, 8A Synchronous Step-Down Silent Switcher with 2.5μA Quiescent Current
Rev. A
LT8645S AD-LT8645S_V01 Datasheet
2Mb / 30P
65V, 8A Synchronous Step-Down Silent Switcher 2 with 2.5μA Quiescent Current
Rev. B
LT8609S AD-LT8609S Datasheet
1Mb / 24P
42V, 2A/3A Peak Synchronous Step-Down Regulator with 2.5μA Quiescent Current
Rev. D
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com