Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAA5261 Datasheet (PDF) - NXP Semiconductors

SAA5261 Datasheet PDF - NXP Semiconductors
Part # SAA5261
Download  SAA5261 Download
File Size   354.38 Kbytes
Page   28 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 10-page intelligent teletext decoders

SAA5261 Datasheet (PDF)

Go To PDF Page Download Datasheet
SAA5261 Datasheet PDF - NXP Semiconductors

Part # SAA5261
Download  SAA5261 Click to download

File Size   354.38 Kbytes
Page   28 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 10-page intelligent teletext decoders

SAA5261 Datasheet (HTML) - NXP Semiconductors


SAA5261 Product details

FEATURES
SAA5261, SAA5262 and SAA5263
· Complete 625-line teletext decoder in a single
integrated circuit thereby reducing printed-circuit board
area and cost
· Automatic detection of transmitted pages so that only
existing pages will be selected by page-up and
page-down once inventory validated
· Automatic detection of transmitted Fastext links or
service information (packet 8/30)
· On-screen display for user interface (menus, etc.) using
teletext and dedicated menu icons
· Video Programming System (VPS) decoding
· Wide Screen Signalling (WSS) decoding
· 8-page Fastext decoder
· 6-page TOP decoder in addition to capture of Basic TOP
Table (BTT) and 3 Additional Information Table (AIT)
pages
· 4-page user defined list mode
· Yugoslavian, Cyrillic, Greek/Turkish, Thai,
Arabic/Hebrew, Pan-European and
Arabic/English/French language coverage
· High level command interface via I2C-bus giving easy
control from a low software overhead
· High level command interface is backward compatible to
SAFARI interface
· 625 and 525 line display
· RGB interface to standard colour decoder ICs, push-pull
output drive
· Versatile 8-bit open-drain I/O expander
· Single 12 MHz crystal oscillator for reduced cost
· +5 V power supply.
SAA5262 and SAA5263
· Automatic Channel Installation (ACI)
· Enhanced SAFARI interface providing additional
commands.
SAA5263
· Electronic Programme Guide (EPG) feature.

DESCRIPTION
The SAA526xPS ICs are single-chip 10-page 625-line
World System Teletext (WST) decoders with a high level
command interface, SAFARI compatible.
It has been designed so that the overall system cost is kept
to a minimum. This has been achieved through the
capability of the device to be driven from a single +5 V
power supply, low cost 12 MHz crystal oscillator and the
high level command interface, which offers the benefit of
low software overhead in the TV microcontroller.
The SAA526xPS offers automatic detection of Fastext or
TOP transmissions. The device also incorporates a facility
to detect the pages in the transmission, which allows only
transmitted pages to be selected by page-up and
page-down.
SAA5262 and SAA5263 provide Automatic Channel
Installation (ACI) information.
SAA5263 provides access to Electronic Programme Guide
(EPG) information.




Similar Part No. - SAA5261

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA5264 PHILIPS-SAA5264 Datasheet
97Kb / 24P
10 and 1 page intelligent teletext decoders
2000 Jan 27
SAA5264PS PHILIPS-SAA5264PS Datasheet
97Kb / 24P
10 and 1 page intelligent teletext decoders
2000 Jan 27
SAA5264PS/M3 PHILIPS-SAA5264PS/M3 Datasheet
97Kb / 24P
10 and 1 page intelligent teletext decoders
2000 Jan 27
SAA5265 PHILIPS-SAA5265 Datasheet
97Kb / 24P
10 and 1 page intelligent teletext decoders
2000 Jan 27
SAA5265PS PHILIPS-SAA5265PS Datasheet
97Kb / 24P
10 and 1 page intelligent teletext decoders
2000 Jan 27
More results


Similar Description - SAA5261

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA5231 PHILIPS-SAA5231 Datasheet
84Kb / 13P
Teletext video processor
November 1986
SAA5264 PHILIPS-SAA5264 Datasheet
97Kb / 24P
10 and 1 page intelligent teletext decoders
2000 Jan 27
SAA5290 PHILIPS-SAA5290 Datasheet
360Kb / 33P
One page Economy Teletext/TV microcontroller
February 1995
logo
List of Unclassifed Man...
TPU2735 ETC-TPU2735 Datasheet
1,019Kb / 37P
Teletext Processor
logo
NXP Semiconductors
SAA5360 PHILIPS-SAA5360 Datasheet
158Kb / 28P
Multi page intelligent teletext decoder
2005 Mar 09
logo
Micronas
TPU3035 MICRONAS-TPU3035 Datasheet
1Mb / 73P
Teletext Processors
logo
National Semiconductor ...
9301 NSC-9301 Datasheet
76Kb / 3P
1-OF-10 DECODERS
logo
Raytheon Company
LS43 RAYTHEON-LS43 Datasheet
191Kb / 3P
4-LINE To 10-Line Decoders
logo
Texas Instruments
SN54HC42 TI-SN54HC42_08 Datasheet
703Kb / 16P
4-LINE TO 10-LINE DECODERS (1of 10)
logo
Faraday Technology
FX055AD FARADAY-FX055AD Datasheet
78Kb / 2P
TELETEXT FILTERS
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com