Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM1P Datasheet (PDF) - AIMTEC

AM1P Datasheet PDF - AIMTEC
Part # AM1P
Download  AM1P Download
File Size   266.5 Kbytes
Page   3 Pages
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC
Description 1 watt dc-dc converters

AM1P Datasheet (PDF)

Go To PDF Page Download Datasheet
AM1P Datasheet PDF - AIMTEC

Part # AM1P
Download  AM1P Click to download

File Size   266.5 Kbytes
Page   3 Pages
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC
Description 1 watt dc-dc converters

AM1P Datasheet (HTML) - AIMTEC


AM1P Product details

GENERAL DESCRIPTION
Our AM1P series is a family of cost effective 1W single, dual, dual separated output isolated DC/DC converters. These converters achieve low cost and ultra-miniature DIP8 pin size without compromising performance and reliability.
Ninety six models operate from input voltages of 5, 12 & 24 VDC; producing output voltage levels of 3.3, 5, 7.2, 9, 12, 15, 18, 24, ±3.3, ±5, ±7.2, ±9, ±12, ±15, ±18, ±24. Full SMD-design and 100 % production test of parameters ensures a high reliability in this product.

1 watt dc-dc converters

• 8PIN DIP PACKAGE
• LOW RIPPLE & NOISE
• HIGH EFFICIENCY UP TO 80%
• INPUT/OUTPUT ISOLATION: 1000 & 3000VDC
• OPERATING TEMPERATURE: -40 C ... +85 C
• PIN-COMPATIBLE WITH MULTIPLE MANUFACTURERS




Similar Part No. - AM1P

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM1P-0303SH30Z AIMTEC-AM1P-0303SH30Z Datasheet
428Kb / 7P
1 Watt | DC-DC Converter
Rev: 04/21/A
AM1P-0303SZ AIMTEC-AM1P-0303SZ Datasheet
428Kb / 7P
1 Watt | DC-DC Converter
Rev: 04/21/A
AM1P-0305SH30Z AIMTEC-AM1P-0305SH30Z Datasheet
428Kb / 7P
1 Watt | DC-DC Converter
Rev: 04/21/A
AM1P-0305SZ AIMTEC-AM1P-0305SZ Datasheet
428Kb / 7P
1 Watt | DC-DC Converter
Rev: 04/21/A
AM1P-0307SH30Z AIMTEC-AM1P-0307SH30Z Datasheet
428Kb / 7P
1 Watt | DC-DC Converter
Rev: 04/21/A
More results


Similar Description - AM1P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AM1L-0505SH30-N ETC-AM1L-0505SH30-N Datasheet
530Kb / 4P
1 watt dc-dc converters
logo
AIMTEC
AM1D AIMTEC-AM1D Datasheet
268Kb / 3P
1 watt dc-dc converters
AM1D-N AIMTEC-AM1D-N Datasheet
413Kb / 3P
1 watt dc-dc converters
AM1DR AIMTEC-AM1DR Datasheet
233Kb / 2P
1 watt dc-dc converters
AM1DR-N AIMTEC-AM1DR-N Datasheet
288Kb / 2P
1 watt dc-dc converters
AM1L-N AIMTEC-AM1L-N Datasheet
530Kb / 4P
1 watt dc-dc converters
AM1N-N AIMTEC-AM1N-N Datasheet
423Kb / 3P
1 watt dc-dc converters
AM1P-N AIMTEC-AM1P-N Datasheet
322Kb / 2P
1 watt dc-dc converters
AM1S-N AIMTEC-AM1S-N Datasheet
341Kb / 2P
1 watt dc-dc converters
logo
RSG Electronic Componen...
EC1SA01N RSG-EC1SA01N Datasheet
382Kb / 1P
1 WATT DC-DC CONVERTERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com