Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCM857BS Datasheet (PDF) - Diodes Incorporated

BCM857BS Datasheet PDF - Diodes Incorporated
Part # BCM857BS
Download  BCM857BS Download
File Size   194.59 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 45V MATCHED PAIR PNP SMALL SIGNAL TRANSISTOR IN SOT363

BCM857BS Datasheet (PDF)

Go To PDF Page Download Datasheet
BCM857BS Datasheet PDF - Diodes Incorporated

Part # BCM857BS
Download  BCM857BS Click to download

File Size   194.59 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 45V MATCHED PAIR PNP SMALL SIGNAL TRANSISTOR IN SOT363

BCM857BS Datasheet (HTML) - Diodes Incorporated


BCM857BS Product details

Features
• BVCEO > -45V
• IC = -100mA High Collector Current
• Pair of PNP Transistors That Are Intrinsically Matched (Note 1)
• 10% Matching on Current Gain (hFE)
• 2mV Matching on Base-Emitter Voltage (VBE)
• Fully Internally Isolated in a Small Surface Mount Package
• Totally Lead-Free & Fully RoHS compliant (Notes 2 & 3)
• Halogen and Antimony Free. "Green" Device (Note 4)
• Qualified to AEC-Q101 for High Reliability




Similar Part No. - BCM857BS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCM857BS PHILIPS-BCM857BS Datasheet
47Kb / 8P
PNP matched double transistor
Rev. 02-11 April 2005
BCM857BS PHILIPS-BCM857BS Datasheet
115Kb / 15P
NPN/NPN matched double transistors
Rev. 05-27 June 2006
BCM857BS PHILIPS-BCM857BS Datasheet
948Kb / 12P
Low VCEsat (BISS) transistors
May 2006
BCM857BS NXP-BCM857BS Datasheet
123Kb / 15P
PNP/PNP matched double transistors
Rev. 06-28 August 2009
logo
Nexperia B.V. All right...
BCM857BS NEXPERIA-BCM857BS Datasheet
2Mb / 15P
PNP/PNP matched double transistors
Rev. 06 - 28 August 2009
More results


Similar Description - BCM857BS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMDT4413 DIODES-MMDT4413_15 Datasheet
226Kb / 8P
COMPLEMENTARY PAIR SMALL SIGNAL TRANSISTOR IN SOT363
Rev 11
BC847PN DIODES-BC847PN_15 Datasheet
234Kb / 6P
COMPLEMENTARY PAIR SMALL SIGNAL TRANSISTOR IN SOT363
Rev 13
BCM857BV DIODES-BCM857BV_15 Datasheet
275Kb / 5P
45V MATCHED PAIR PNP SMALL SIGNAL TRANSISTOR IN SOT563
Rev 3
DMMT3904W DIODES-DMMT3904W_15 Datasheet
217Kb / 6P
40V MATCHED PAIR NPN SMALL SIGNAL TRANSISTOR IN SOT363
Rev 12
DMMT3906W DIODES-DMMT3906W_15 Datasheet
361Kb / 6P
40V MATCHED PAIR PNP SMALL SIGNAL TRANSISTOR IN SOT363
Rev 12
BC847PNQ DIODES-BC847PNQ Datasheet
491Kb / 6P
COMPLEMENTARY PAIR SMALL SIGNAL TRANSISTOR IN SOT363
Rev 1
BCM846BS DIODES-BCM846BS Datasheet
331Kb / 5P
65V NPN MATCHED PAIR SMALL SIGNAL TRANSISTOR IN SOT363
September 2018 Rev. 1 - 2
BCM847BS DIODES-BCM847BS Datasheet
502Kb / 5P
45V NPN MATCHED PAIR SMALL SIGNAL TRANSISTOR IN SOT363
June 2022 Rev. 2 - 2
BCM857BV DIODES-BCM857BV Datasheet
571Kb / 7P
45V MATCHED PAIR PNP SMALL SIGNAL TRANSISTOR IN SOT563
June 2022 Rev. 4 - 2
DMMT3904WQ DIODES-DMMT3904WQ Datasheet
459Kb / 6P
40V MATCHED PAIR NPN SMALL SIGNAL TRANSISTOR IN SOT363
July 2020 Rev. 1 - 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com