Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBSS5250T Datasheet (PDF) - Nexperia B.V. All rights reserved

PBSS5250T Datasheet PDF - Nexperia B.V. All rights reserved
Part # PBSS5250T
Download  PBSS5250T Download
File Size   329.89 Kbytes
Page   8 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 50 V, 2 A PNP low VCEsat (BISS) transistor

PBSS5250T Datasheet (PDF)

Go To PDF Page Download Datasheet
PBSS5250T Datasheet PDF - Nexperia B.V. All rights reserved

Part # PBSS5250T
Download  PBSS5250T Click to download

File Size   329.89 Kbytes
Page   8 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 50 V, 2 A PNP low VCEsat (BISS) transistor

PBSS5250T Datasheet (HTML) - Nexperia B.V. All rights reserved


PBSS5250T Product details

FEATURES
•Low collector-emitter saturation voltage VCEsat
•High collector current capability: IC and ICM
•Higher efficiency leading to less heat generation
•Reduced printed-circuit board requirements
•Cost effective alternative to MOSFETs in specific applications.

APPLICATIONS
•Power management
–DC/DC converters
–Supply line switching
–Battery charger
–LCD backlighting
•Peripheral drivers
–Driver in low supply voltage applications (e.g. lamps and LEDs)
–Inductive load driver (e.g. relays, buzzers and motors).

DESCRIPTION
PNP BISS transistor in a SOT23 plastic package offering ultra low VCEsat and RCEsat parameters.




Similar Part No. - PBSS5250T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS5250T PHILIPS-PBSS5250T Datasheet
49Kb / 7P
50 V, 2 A PNP low VCEsat (BISS) transistor
2003 Oct 09
logo
Nexperia B.V. All right...
PBSS5250TH NEXPERIA-PBSS5250TH Datasheet
248Kb / 14P
50 V, 2 A PNP low VCEsat (BISS) transistor
PBSS5250TH-Q NEXPERIA-PBSS5250TH-Q Datasheet
264Kb / 13P
50 V, 2 A PNP low VCEsat (BISS) transistor
15 March 2023
logo
NXP Semiconductors
PBSS5250T PHILIPS-PBSS5250T_15 Datasheet
128Kb / 7P
PNP low VCEsat (BISS) transistor 50 V, 2 A
2003 Oct 09
More results


Similar Description - PBSS5250T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS5350T PHILIPS-PBSS5350T Datasheet
86Kb / 10P
50 V, 3 A PNP low VCEsat (BISS) transistor
2004 Jan 13
PBSS5250X PHILIPS-PBSS5250X Datasheet
47Kb / 8P
50 V, 2 A PNP low VCEsat (BISS) transistor
2003 Jun 17
PBSS5250T PHILIPS-PBSS5250T Datasheet
49Kb / 7P
50 V, 2 A PNP low VCEsat (BISS) transistor
2003 Oct 09
PBSS5350X NXP-PBSS5350X Datasheet
214Kb / 12P
50 V, 3 A PNP low VCEsat (BISS) transistor
2004 Nov 04
PBSS5250T PHILIPS-PBSS5250T_15 Datasheet
128Kb / 7P
PNP low VCEsat (BISS) transistor 50 V, 2 A
2003 Oct 09
PBSS5250X PHILIPS-PBSS5250X_15 Datasheet
153Kb / 9P
PNP low VCEsat (BISS) transistor 50 V, 2 A
2004 Nov 04
PBSS5350X PHILIPS-PBSS5350X_15 Datasheet
214Kb / 12P
PNP low VCEsat (BISS) transistor 50 V, 3 A
2004 Nov 04
PBSS5350SS PHILIPS-PBSS5350SS_15 Datasheet
108Kb / 14P
50 V, 2.7 A PNP/PNP low VCEsat (BISS) transistor
Rev. 01-3 April 2007
logo
Nexperia B.V. All right...
PBSS5250TH NEXPERIA-PBSS5250TH Datasheet
248Kb / 14P
50 V, 2 A PNP low VCEsat (BISS) transistor
PBSS5250TH-Q NEXPERIA-PBSS5250TH-Q Datasheet
264Kb / 13P
50 V, 2 A PNP low VCEsat (BISS) transistor
15 March 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com