Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CEZ10C3 Datasheet (PDF) - CET-MOS Technology Corp.

CEZ10C3 Datasheet PDF - CET-MOS Technology Corp.
Part # CEZ10C3
Download  CEZ10C3 Download
File Size   837.17 Kbytes
Page   6 Pages
Manufacturer  CET-MOS [CET-MOS Technology Corp.]
Direct Link  https://www.cet-mos.com/en/index.asp
Logo CET-MOS - CET-MOS Technology Corp.
Description N-Channel Enhancement Mode Field Effect Transistor

CEZ10C3 Datasheet (PDF)

Go To PDF Page Download Datasheet
CEZ10C3 Datasheet PDF - CET-MOS Technology Corp.

Part # CEZ10C3
Download  CEZ10C3 Click to download

File Size   837.17 Kbytes
Page   6 Pages
Manufacturer  CET-MOS [CET-MOS Technology Corp.]
Direct Link  https://www.cet-mos.com/en/index.asp
Logo CET-MOS - CET-MOS Technology Corp.
Description N-Channel Enhancement Mode Field Effect Transistor

CEZ10C3 Datasheet (HTML) - CET-MOS Technology Corp.


CEZ10C3 Product details

FEATURES
30V, 255A, RDS(ON) = 1 m W @VGS = 10V.
Super high dense cell design for extremely low RDS(ON).
High power and current handing capability.
Surface mount Package.
RoHS compliant.
RDS(ON) = 1.4 mW @VGS = 4.5V.




Similar Part No. - CEZ10C3

ManufacturerPart #DatasheetDescription
logo
CET-MOS Technology Corp...
CEZ100R19 CET-MOS-CEZ100R19 Datasheet
1Mb / 7P
Dual Enhancement Mode Field Effect Transistor (N and P Channel)
Rev 1. 2020.July
CEZ10R10A CET-MOS-CEZ10R10A Datasheet
860Kb / 6P
N-Channel Enhancement Mode Field Effect Transistor
Rev 1. 2022.Sep
CEZ10R10AL CET-MOS-CEZ10R10AL Datasheet
860Kb / 6P
N-Channel Enhancement Mode Field Effect Transistor
Rev 1. 2022.May
CEZ10R15 CET-MOS-CEZ10R15 Datasheet
1Mb / 6P
N-Channel Enhancement Mode Field Effect Transistor
Rev 1. 2019.July
CEZ10R15L CET-MOS-CEZ10R15L Datasheet
926Kb / 6P
N-Channel Enhancement Mode Field Effect Transistor
Rev 1. 2019.Mar
More results


Similar Description - CEZ10C3

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHD83N03LT PHILIPS-PHD83N03LT Datasheet
282Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
PHP112N06T PHILIPS-PHP112N06T Datasheet
262Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-07 March 2001
PHP47NQ10T PHILIPS-PHP47NQ10T Datasheet
267Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-16 May 2001
PHP78NQ03LT PHILIPS-PHP78NQ03LT Datasheet
292Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-14 November 2001
SI4410DY PHILIPS-SI4410DY Datasheet
266Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 02-05 July 2001
SI4416DY PHILIPS-SI4416DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-05 June 2001
SI4420DY PHILIPS-SI4420DY Datasheet
254Kb / 12P
N-channel enhancement mode field-effect transistor
Rev. 01-28 May 2001
SI9956DY PHILIPS-SI9956DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
logo
Fairchild Semiconductor
FDC633N FAIRCHILD-FDC633N Datasheet
278Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
FDT459N FAIRCHILD-FDT459N Datasheet
89Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com