Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

123079A Datasheet (PDF) - Belden Inc.

123079A Datasheet PDF - Belden Inc.
Part # 123079A
Download  123079A Download
File Size   145.23 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Profibus, 1 Pr #22 Sol BC, PE Ins, OSTC Brd, PVC jkt, AIA, PVC Jkt, PLTC CM Profibus DP

123079A Datasheet (PDF)

Go To PDF Page Download Datasheet
123079A Datasheet PDF - Belden Inc.

Part # 123079A
Download  123079A Click to download

File Size   145.23 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Profibus, 1 Pr #22 Sol BC, PE Ins, OSTC Brd, PVC jkt, AIA, PVC Jkt, PLTC CM Profibus DP

123079A Datasheet (HTML) - Belden Inc.


123079A Product details

Product Description
Profibus, 1 Pair 22AWG (Solid) Bare Copper, PE Insulation, Overall Beldfoil®+Tinned Copper Braid(65%) Shield, PVC Inner Jacket, Aluminum Interlock
Armor, PVC Outer Jacket, PLTC CM SUN RES Profibus DP




Similar Part No. - 123079A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
123079E BELDEN-123079E Datasheet
139Kb / 2P
Profibus, 1 Pr #22 Str BC, PE Ins, OSTC Brd, PVC jkt, AIA, PVC Jkt, PLTC CM Profibus DP
05-05-2023
More results


Similar Description - 123079A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
3079A BELDEN-3079A Datasheet
269Kb / 3P
Profibus, 1 Pr #22 Sol BC, PO Ins, OSTC Brd, PVC Jkt, PLTC Profibus DP
3079E BELDEN-3079E Datasheet
262Kb / 3P
Profibus, 1 Pr #22 Str BC, PO Ins, OSTC Brd, PVC Jkt, PLTC Profibus DP
123079E BELDEN-123079E Datasheet
139Kb / 2P
Profibus, 1 Pr #22 Str BC, PE Ins, OSTC Brd, PVC jkt, AIA, PVC Jkt, PLTC CM Profibus DP
05-05-2023
129841 BELDEN-129841 Datasheet
179Kb / 2P
RS485, 1 Pr #24 Str TC, PE Ins, OSTC Brd, PVC Jkt, AIA Armor, PVC Jkt,CM
05-05-2023
129842 BELDEN-129842 Datasheet
190Kb / 2P
RS485, 2 Pr #24 Str TC, PE Ins, OSTC Brd, PVC Jkt, AIA Armor, PVC Jkt,CM
05-05-2023
733079A BELDEN-733079A Datasheet
138Kb / 2P
Profibus, 1 Pr #22 Sol BC, PE Ins, OSTC Brd, PVC jkt, SIA, LSZH-TP Jkt,PLTC Profibus DP
05-05-2023
773079T BELDEN-773079T Datasheet
443Kb / 2P
Profibus, 1 Pr #22 Sol BC, PE Ins, OSTC Brd, LSZH-TP jkt, BBA, LSZH-TP Jkt, PLTC-ST1 CMG-ST1 Profibus DP
05-05-2023
973079Z BELDEN-973079Z Datasheet
443Kb / 2P
Profibus, 1 Pr #22 Sol BC, PE Ins, OSTC Brd, LSZH-TS jkt, BBA, LSZH-TS Jkt, PLTC-ST1 CMG-ST1 Profibus DP
05-05-2023
3079T BELDEN-3079T Datasheet
177Kb / 2P
Profibus, 1 Pr #22 Sol BC, PE Ins, OSTC Brd, LSZH-TP Jkt, PLTC-ST1 CMG-ST1 Profibus DP
12-22-2023
3079Z BELDEN-3079Z Datasheet
178Kb / 2P
Profibus, 1 Pr #22 Sol BC, PE Ins, OSTC Brd, LSZH-TS Jkt, PLTC-ST1 CMG-ST1 Profibus DP
12-22-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com