Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1269A Datasheet (PDF) - Belden Inc.

1269A Datasheet PDF - Belden Inc.
Part # 1269A
Download  1269A Download
File Size   153.38 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description POS Cable, #22-2pr, TC, FEP, O/A Foil90% TC Braid, FEP Jkt, CMP

1269A Datasheet (PDF)

Go To PDF Page Download Datasheet
1269A Datasheet PDF - Belden Inc.

Part # 1269A
Download  1269A Click to download

File Size   153.38 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description POS Cable, #22-2pr, TC, FEP, O/A Foil90% TC Braid, FEP Jkt, CMP

1269A Datasheet (HTML) - Belden Inc.


1269A Product details

Product Description
Computer POS Cable, 22 AWG solid tinned copper conductors, solid FEP insulation, twisted pairs, overall Beldfoil® (100% coverage) + tinned copper braid
shield (90% coverage), 22 AWG solid tinned copper drain wire, FEP jacket, plenum rated




Similar Part No. - 1269A

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
1269AS-H-100N TOKO-1269AS-H-100N Datasheet
222Kb / 1P
Metal Alloy Inductors
logo
Murata Manufacturing Co...
1269AS-H-100N MURATA-1269AS-H-100N Datasheet
982Kb / 2P
Inductor
1269AS-H-100N MURATA-1269AS-H-100N Datasheet
2Mb / 2P
Rated current (Isat) is specified when the decrease of the initial inductance value at 30%
1269AS-H-100N# MURATA-1269AS-H-100N# Datasheet
2Mb / 2P
Rated current (Isat) is specified when the decrease of the initial inductance value at 30%
1269AS-H-100N MURATA-1269AS-H-100N_18 Datasheet
2Mb / 2P
Rated current (Isat) is specified when the decrease of the initial inductance value at 30%
More results


Similar Description - 1269A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
89842 BELDEN-89842 Datasheet
242Kb / 3P
RS-485, #24-2pr, FFEP, O/A FoilBraid, FEP Jkt, CMP, 120廓
82502 BELDEN-82502 Datasheet
157Kb / 2P
RS232, #24-2pr, FEP, O/A Foil, LS-PVC Jkt, CMP
05-05-2023
88757 BELDEN-88757 Datasheet
168Kb / 3P
Electronic, 4 Pr #22 Str TC, FEP Ins, FEP Jkt, CMP
05-05-2023
89503 BELDEN-89503 Datasheet
158Kb / 2P
RS232, #24-3pr, FEP, O/A Foil, FEP Jkt, CMP
01-20-2023
89696 BELDEN-89696 Datasheet
155Kb / 3P
POS Cable, #22-2pr, BC, FEP, O/A Foil55% TC Braid, FEP Jkt, CMP
05-05-2023
89855 BELDEN-89855 Datasheet
153Kb / 2P
POS Cable, #22-2pr, TC, FEP, O/A Foil55% TC Braid, FEP Jkt, CMP
05-05-2023
9855 BELDEN-9855 Datasheet
144Kb / 2P
POS Cable, #22-2pr, TC, PO, O/A Foil55% TC Braid, PVC Jkt, CM
05-05-2023
83569 BELDEN-83569 Datasheet
204Kb / 2P
Electronic, 19 C #22 Str TC, FEP Ins, OSTC Brd, FEP Jkt, CMP
01-20-2023
88723 BELDEN-88723 Datasheet
179Kb / 2P
Audio, Control & Instrument, #22-2pr, FEP, Indiv. Foil, FEP Jkt, CMP
04-19-2023
88444 BELDEN-88444 Datasheet
166Kb / 2P
Electronic, 4 C #22 Str TC, FEP Ins, FEP Jkt, CMP
01-20-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com