Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1335A Datasheet (PDF) - Belden Inc.

1335A Datasheet PDF - Belden Inc.
Part # 1335A
Download  1335A Download
File Size   175.73 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Fieldbus, 2 C #16 Str TC, PO Ins, OSTC Brd, PVC Jkt, CM

1335A Datasheet (PDF)

Go To PDF Page Download Datasheet
1335A Datasheet PDF - Belden Inc.

Part # 1335A
Download  1335A Click to download

File Size   175.73 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Fieldbus, 2 C #16 Str TC, PO Ins, OSTC Brd, PVC Jkt, CM

1335A Datasheet (HTML) - Belden Inc.


1335A Product details

Product Description
Fieldbus, 2 Conductor 16AWG (7x24H) Tinned Copper, PO Insulation, Overall Beldfoil®+Tinned Copper Braid(65%) Shield, Orange PVC Outer Jacket, CM




Similar Part No. - 1335A

ManufacturerPart #DatasheetDescription
logo
Heyco.
1335 HEYCO-1335 Datasheet
130Kb / 1P
Strain Relief Mounting Hole Punches
logo
Adafruit Industries
1335 ADAFRUIT-1335 Datasheet
72Kb / 2P
Peltier Thermo-Electric Cooler ModuleHeatsink Assembly - 12V 5A
logo
Heyco.
13350 HEYCO-13350 Datasheet
90Kb / 1P
Blunt Rivets
13350 HEYCO-13350 Datasheet
90Kb / 1P
Blunt Rivets
logo
Turck, Inc.
1335091 TURCK-1335091 Datasheet
260Kb / 2P
Inductive Sensor
11/07/2023
More results


Similar Description - 1335A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
3105A BELDEN-3105A Datasheet
253Kb / 3P
RS485, 1 Pr #22 Str TC, PO Ins, OSTC Brd, PVC Jkt, CM
3107A BELDEN-3107A Datasheet
251Kb / 3P
RS485, 2 Pr #22 Str TC, PO Ins, OSTC Brd, PVC Jkt, CM
3108A BELDEN-3108A Datasheet
251Kb / 3P
RS485, 3 Pr #22 Str TC, PO Ins, OSTC Brd, PVC Jkt, CM
3109A BELDEN-3109A Datasheet
251Kb / 3P
RS485, 4 Pr #22 Str TC, PO Ins, OSTC Brd, PVC Jkt, CM
7201A BELDEN-7201A Datasheet
238Kb / 3P
MachFlex?? 2 Pr #24 Str BC, PO Ins, OSTC Brd, PVC Jkt, CM
9843 BELDEN-9843 Datasheet
258Kb / 3P
RS485, 3 Pr #24 Str TC, PO Ins, OSTC Brd, PVC Jkt, CM
1334A BELDEN-1334A Datasheet
255Kb / 3P
Fieldbus, 1 Pr #18 Str TC, PO Ins, OSTC Brd, PVC Jkt, CMG
1336A BELDEN-1336A Datasheet
261Kb / 3P
Fieldbus, 2 C #14 Str TC, PO Ins, OSTC Brd, PVC Jkt, PLTC
123107A BELDEN-123107A Datasheet
252Kb / 3P
RS485, 2 Pr #22 Str TC, PO Ins, OSTC Brd, PVC Jkt, AIA Armor, PVC Jkt, CM
9464 BELDEN-9464 Datasheet
146Kb / 2P
Electronic, 2 C #20 Str TC, PO Ins, OS, PVC Jkt, CM
01-20-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com