Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6540 Datasheet (PDF) - Renesas Technology Corp

ISL6540 Datasheet PDF - Renesas Technology Corp
Part # ISL6540
Download  ISL6540 Download
File Size   438.94 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Single-Phase Buck PWM Controller with Integrated High Speed MOSFET Driver and Pre-Biased Load Capability

ISL6540 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6540 Datasheet PDF - Renesas Technology Corp

Part # ISL6540
Download  ISL6540 Click to download

File Size   438.94 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Single-Phase Buck PWM Controller with Integrated High Speed MOSFET Driver and Pre-Biased Load Capability

ISL6540 Datasheet (HTML) - Renesas Technology Corp


ISL6540 Product details

Features
• VIN and Power Rail Operation from +3.3V to +20V
• Fast Transient Response - 0 to 100% Duty Cycle
- 15MHz Bandwidth Error Amplifier with 6V/μs Slew Rate
- Voltage-Mode PWM Leading and Trailing-edge
Modulation Control
- Input Voltage Feedforward Compensation
• 2.9V to 5.6V High Speed 2A/4A MOSFET Gate Drivers
- Tri-state for Power Stage Shutdown
• Internal Linear Regulator (LR) - 5.6V Bias from VIN
• External LR Drive for Optimal Thermal Performance
• Voltage Margining with Independently Adjustable Upper and
Lower Settings for System Stress Testing & Over Clocking
• Reference Voltage I/O for DDR/Tracking Applications
• Precise 0.591V Internal Reference with Buffered Output
- ±0.85%/±1.25% Over Commercial/Industrial Range
• Source and Sink Overcurrent Protections
- Low- and High-Side MOSFET rDS(ON) Sensing
• Overvoltage and Undervoltage Protections
• Small Converter Size - QFN package
• Oscillator Programmable from 250kHz to 2MHz
• Differential Remote Voltage Sensing with Unity Gain
• Programmable Soft-start with Pre-Biased Load Capability
• Power Good Indication with Programmable Delay
• EN Input with Voltage Monitoring Capability
• Pb-Free Plus Anneal Available (RoHS Compliant)




Similar Part No. - ISL6540

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6540 INTERSIL-ISL6540 Datasheet
521Kb / 20P
Single-Phase Buck PWM Controller with Integrated High Speed MOSFET Driver and Pre-Biased Load Capability
March 9, 2006
ISL6540 INTERSIL-ISL6540 Datasheet
438Kb / 20P
Single-Phase Buck PWM Controller with Integrated High Speed MOSFET Driver and Pre-Biased Load Capability
July 23, 2008
ISL6540A INTERSIL-ISL6540A Datasheet
448Kb / 22P
Single-Phase Buck PWM Controller with Integrated High Speed MOSFET Driver and Pre-Biased Load Capability
October 7, 2008
logo
Renesas Technology Corp
ISL6540A RENESAS-ISL6540A Datasheet
1,001Kb / 22P
Single-Phase Buck PWM Controller with Integrated High Speed MOSFET Driver and Pre-Biased Load Capability
logo
Intersil Corporation
ISL6540ACRZ INTERSIL-ISL6540ACRZ Datasheet
448Kb / 22P
Single-Phase Buck PWM Controller with Integrated High Speed MOSFET Driver and Pre-Biased Load Capability
October 7, 2008
More results


Similar Description - ISL6540

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6540 INTERSIL-ISL6540_06 Datasheet
521Kb / 20P
Single-Phase Buck PWM Controller with Integrated High Speed MOSFET Driver and Pre-Biased Load Capability
March 9, 2006
ISL6540A INTERSIL-ISL6540A Datasheet
448Kb / 22P
Single-Phase Buck PWM Controller with Integrated High Speed MOSFET Driver and Pre-Biased Load Capability
October 7, 2008
ISL6540 INTERSIL-ISL6540 Datasheet
438Kb / 20P
Single-Phase Buck PWM Controller with Integrated High Speed MOSFET Driver and Pre-Biased Load Capability
July 23, 2008
ISL8115 INTERSIL-ISL8115 Datasheet
888Kb / 24P
High Voltage Synchronous Buck PWM Controller with Integrated Gate Driver and Current Sharing Capability
logo
Anpec Electronics Corop...
APW7098 ANPEC-APW7098_11 Datasheet
655Kb / 30P
Two- Phase Buck PWM Controller with Integrated MOSFET Drivers
logo
Intersil Corporation
ISL6608CB INTERSIL-ISL6608CB Datasheet
333Kb / 11P
Synchronous Rectified MOSFET Driver with Pre-Biased Load Startup Capability
March 2004
logo
Renesas Technology Corp
ISL6608 RENESAS-ISL6608 Datasheet
611Kb / 11P
Synchronous Rectified MOSFET Driver with Pre-Biased Load Startup Capability
ISL6540A RENESAS-ISL6540A Datasheet
1,001Kb / 22P
Single-Phase Buck PWM Controller with Integrated High Speed MOSFET Driver and Pre-Biased Load Capability
ISL8115 RENESAS-ISL8115 Datasheet
1Mb / 24P
High Voltage Synchronous Buck PWM Controller with Integrated Gate Driver and Current Sharing Capability
ISL8120IR RENESAS-ISL8120IR Datasheet
1Mb / 33P
Dual/n-Phase Buck PWM Controller with Integrated Driver
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com