Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6551 Datasheet (PDF) - Renesas Technology Corp

ISL6551 Datasheet PDF - Renesas Technology Corp
Part # ISL6551
Download  ISL6551 Download
File Size   1439.65 Kbytes
Page   27 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description ZVS Full Bridge PWM Controller

ISL6551 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6551 Datasheet PDF - Renesas Technology Corp

Part # ISL6551
Download  ISL6551 Click to download

File Size   1439.65 Kbytes
Page   27 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description ZVS Full Bridge PWM Controller

ISL6551 Datasheet (HTML) - Renesas Technology Corp


ISL6551 Product details

Features
• High speed PWM (up to 1MHz) for ZVS full bridge control
• Current mode control compatible
• High current high-side and low-side totem-pole drivers
• Adjustable resonant delay for ZVS
• 10MHz error amplifier bandwidth
• Programmable soft-start
• Precision bandgap reference
• Latching shutdown input
• Non-latching enable input
• Adjustable leading edge blanking
• Adjustable dead time control
• Adjustable ramp for slope compensation
• Fast short-circuit protection (hiccup mode)
• Adjustable cycle-by-cycle peak current limiting
• Drive signals to implement synchronous rectification
• VDD undervoltage lockout
• Current share support
• ±5% “in regulation” indication
• Pb-free (RoHS compliant)
Applications
• Full-bridge and push-pull converters
• Power supplies for off-line and Telecom/Datacom
• Power supplies for high end microprocessors and servers




Similar Part No. - ISL6551

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6551 INTERSIL-ISL6551 Datasheet
619Kb / 26P
ZVS Full Bridge PWM Controller
July 8, 2005
ISL6551 INTERSIL-ISL6551 Datasheet
616Kb / 26P
ZVS Full Bridge PWM Controller
January 3, 2006
ISL6551AB INTERSIL-ISL6551AB Datasheet
619Kb / 26P
ZVS Full Bridge PWM Controller
July 8, 2005
ISL6551AB-T INTERSIL-ISL6551AB-T Datasheet
619Kb / 26P
ZVS Full Bridge PWM Controller
July 8, 2005
ISL6551ABZ INTERSIL-ISL6551ABZ Datasheet
619Kb / 26P
ZVS Full Bridge PWM Controller
July 8, 2005
More results


Similar Description - ISL6551

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6551 INTERSIL-ISL6551 Datasheet
619Kb / 26P
ZVS Full Bridge PWM Controller
July 8, 2005
ISL6753 INTERSIL-ISL6753 Datasheet
465Kb / 15P
ZVS Full-Bridge PWM Controller
March 10, 2005
ISL6551 INTERSIL-ISL6551_06 Datasheet
616Kb / 26P
ZVS Full Bridge PWM Controller
January 3, 2006
ISL6753 INTERSIL-ISL6753_06 Datasheet
399Kb / 15P
ZVS Full-Bridge PWM Controller
April 4, 2006
ISL6551IREC INTERSIL-ISL6551IREC Datasheet
506Kb / 23P
ZVS Full Bridge PWM Controller
ISL6551IBZ INTERSIL-ISL6551IBZ Datasheet
652Kb / 27P
ZVS Full Bridge PWM Controller
April 30, 2015
ISL6753AAZA INTERSIL-ISL6753AAZA Datasheet
393Kb / 15P
ZVS Full-Bridge PWM Controller
April 4, 2006
logo
Renesas Technology Corp
ISL6753 RENESAS-ISL6753 Datasheet
686Kb / 15P
ZVS Full-Bridge PWM Controller
ISL6755 RENESAS-ISL6755 Datasheet
804Kb / 17P
ZVS Full-Bridge PWM Controller with Average Current Limit
ISL6551I RENESAS-ISL6551I Datasheet
1Mb / 24P
ZVS Full Bridge PWM Controller
Nov 17, 2011
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com