Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1538A Datasheet (PDF) - Belden Inc.

1538A Datasheet PDF - Belden Inc.
Part # 1538A
Download  1538A Download
File Size   153.07 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description RISC 6000, #28-3pr, BC, PO, O/A FoilBraid, PVC Jkt, CL2, 120Ω

1538A Datasheet (PDF)

Go To PDF Page Download Datasheet
1538A Datasheet PDF - Belden Inc.

Part # 1538A
Download  1538A Click to download

File Size   153.07 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description RISC 6000, #28-3pr, BC, PO, O/A FoilBraid, PVC Jkt, CL2, 120Ω

1538A Datasheet (HTML) - Belden Inc.


1538A Product details

Product Description
RISC 6000 IBM N Cable, 28 AWG stranded (7x36) bare copper conductors, patented step polyolefin insulation, twisted pairs, overall Beldfoil® shielded +
tinned copper braid shield (65% coverage), tinned copper drain wire, PVC jacket (see RISC color code chart below).




Similar Part No. - 1538A

ManufacturerPart #DatasheetDescription
logo
3M Electronics
1538 3M-1538 Datasheet
51Kb / 2P
3MTM Medical Rayon Woven Tape
Feb-2007
logo
STMicroelectronics
1538-8 STMICROELECTRONICS-1538-8 Datasheet
71Kb / 5P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
06-Sep-1994
logo
PHOENIX CONTACT
1538005 PHOENIX-1538005 Datasheet
1Mb / 23P
SAC-5P-M12FSB/900/... - Bus system cable
1538018 PHOENIX-1538018 Datasheet
1Mb / 9P
SAC-5P-FSB SCO/900/... - Bus system cable
1538021 PHOENIX-1538021 Datasheet
1Mb / 18P
SAC-5P-M12MSB-M12FSB/900/... - Bus system cable
More results


Similar Description - 1538A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8132 BELDEN-8132 Datasheet
195Kb / 2P
RS232/485 Low Cap, #28-2pr, FPE, O/A FoilBraid, PVC Jkt, CL2, 120Ω
01-20-2023
8133 BELDEN-8133 Datasheet
163Kb / 2P
RS232/485 Low Cap, #28-3pr, FPE, O/A FoilBraid, PVC Jkt, CL2, 120Ω
05-05-2023
8134 BELDEN-8134 Datasheet
163Kb / 2P
RS232/485 Low Cap, #28-4pr, FPE, O/A FoilBraid, PVC Jkt, CL2, 120Ω
05-05-2023
8138 BELDEN-8138 Datasheet
158Kb / 2P
RS232/485 Low Cap, #28-8pr, FPE, O/A FoilBraid, PVC Jkt, CL2, 120Ω
05-05-2023
8142 BELDEN-8142 Datasheet
165Kb / 2P
RS232/485 Low Cap, #28-12.5pr, FPE, O/A FoilBraid, PVC Jkt, CL2, 120Ω
05-05-2023
8148 BELDEN-8148 Datasheet
172Kb / 2P
RS232/485 Low Cap, #28-18pr, FPE, O/A FoilBraid, PVC Jkt, CL2, 120Ω
05-05-2023
8155 BELDEN-8155 Datasheet
157Kb / 2P
RS232/485 Low Cap, #28-25pr, FPE, O/A FoilBraid, PVC Jkt, CL2, 120Ω
05-05-2023
8135 BELDEN-8135 Datasheet
158Kb / 2P
RS232/485 Low Cap, #28-5pr, FPE, O/A FoilBraid, PVC Jkt, CL2, 120Ω
05-05-2023
9805 BELDEN-9805 Datasheet
162Kb / 2P
RS232/422 Low Cap, #28-3pr, PP, O/A FoilBraid, PVC Jkt, CL2, 100Ω
01-20-2023
9637 BELDEN-9637 Datasheet
161Kb / 2P
RS-232, #28-25c, SR-PVC, O/A FoilBraid, PVC Jkt, CL2
05-05-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com