Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL28138 Datasheet (PDF) - Renesas Technology Corp

ISL28138 Datasheet PDF - Renesas Technology Corp
Part # ISL28138
Download  ISL28138 Download
File Size   1217.35 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 4.5MHz, Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps with Very Low Input Bias Current

ISL28138 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL28138 Datasheet PDF - Renesas Technology Corp

Part # ISL28138
Download  ISL28138 Click to download

File Size   1217.35 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 4.5MHz, Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps with Very Low Input Bias Current

ISL28138 Datasheet (HTML) - Renesas Technology Corp


ISL28138 Product details

Features
• 4.5MHz gain bandwidth product
• 900μA supply current (per amplifier)
• 300μV maximum offset voltage
• 1pA typical input bias current
• Down to 2.4V single supply voltage range
• Rail-to-rail input and output
• Output sources and sinks 60mA load current
• Enable pin (ISL28138)
• -40°C to +125°C operation
• Pb-free (RoHS compliant)
Applications
• Low-end audio
• 4mA to 20mA current loops
• Medical devices
• Sensor amplifiers
• ADC buffers
• DAC output amplifiers




Similar Part No. - ISL28138

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28138 INTERSIL-ISL28138 Datasheet
861Kb / 16P
4.5MHz, Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps with Very Low Input Bias Current
February 19, 2008
ISL28138FBZ INTERSIL-ISL28138FBZ Datasheet
861Kb / 16P
4.5MHz, Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps with Very Low Input Bias Current
February 19, 2008
ISL28138FBZ-T7 INTERSIL-ISL28138FBZ-T7 Datasheet
861Kb / 16P
4.5MHz, Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps with Very Low Input Bias Current
February 19, 2008
ISL28138FHZ-T7 INTERSIL-ISL28138FHZ-T7 Datasheet
861Kb / 16P
4.5MHz, Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps with Very Low Input Bias Current
February 19, 2008
ISL28138FHZ-T7A INTERSIL-ISL28138FHZ-T7A Datasheet
861Kb / 16P
4.5MHz, Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps with Very Low Input Bias Current
February 19, 2008
More results


Similar Description - ISL28138

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28156 INTERSIL-ISL28156 Datasheet
822Kb / 14P
39uA Micropower Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
February 27, 2007
ISL28166 INTERSIL-ISL28166 Datasheet
793Kb / 12P
39uA Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
February 27, 2007
ISL28156 INTERSIL-ISL28156_08 Datasheet
820Kb / 13P
39關A Micropower Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
February 11, 2008
ISL28138 INTERSIL-ISL28138 Datasheet
861Kb / 16P
4.5MHz, Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps with Very Low Input Bias Current
February 19, 2008
ISL28158 INTERSIL-ISL28158 Datasheet
854Kb / 16P
34關A Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
February 11, 2008
ISL28158 INTERSIL-ISL28158_08 Datasheet
870Kb / 17P
Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
August 29, 2008
ISL28148 INTERSIL-ISL28148 Datasheet
881Kb / 18P
4.5MHz, Single Dual and Quad Precision Rail-to-Rail Input-Output RRIO Op Amps with Very Low Input Bias Current
ISL28236FBZ INTERSIL-ISL28236FBZ Datasheet
694Kb / 15P
5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps
July 24, 2014
logo
Renesas Technology Corp
ISL28148 RENESAS-ISL28148 Datasheet
1Mb / 17P
4.5MHz, Single and Dual Precision Rail-to-Rail Input-Output Op Amps with Very Low Input Bias Current
ISL28158 RENESAS-ISL28158 Datasheet
1Mb / 19P
Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com