Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL28194 Datasheet (PDF) - Renesas Technology Corp

ISL28194 Datasheet PDF - Renesas Technology Corp
Part # ISL28194
Download  ISL28194 Download
File Size   1134.17 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Ultra-Small, 330nA and 1μA Single Supply, Rail-to-Rail Input/Output (RRIO) Op Amps

ISL28194 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL28194 Datasheet PDF - Renesas Technology Corp

Part # ISL28194
Download  ISL28194 Click to download

File Size   1134.17 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Ultra-Small, 330nA and 1μA Single Supply, Rail-to-Rail Input/Output (RRIO) Op Amps

ISL28194 Datasheet (HTML) - Renesas Technology Corp


ISL28194 Product details

Features
• Typical Supply Current 330nA
• Ultra-Low Single-Supply Operation Down to +1.8V
• Rail-to-Rail Input/Output Voltage Range (RRIO)
• Maximum 2mV Offset Voltage
• Maximum 60pA Input Bias Current
• 3.5kHz Gain Bandwidth Product
• ENABLE Pin Feature
• -40°C to +125°C Operation
• Pb-Free (RoHS Compliant)
Applications
• 2-Cell Alkaline Battery-Powered/Portable Systems
• Window Comparators
• Threshold Detectors/Discriminators
• Mobile Communications
• Low Power Sensors




Similar Part No. - ISL28194

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28194 INTERSIL-ISL28194 Datasheet
1Mb / 16P
Ultra-Small, 330nA and 1關A Single Supply, Rail-to-Rail Input/Output (RRIO) Op Amps
October 9, 2007
ISL28194 INTERSIL-ISL28194 Datasheet
1Mb / 16P
Ultra-Small, 330nA and 1uA Single Supply, Rail-to-Rail Input/Output (RRIO) Op Amps
October 1, 2008
ISL28194 INTERSIL-ISL28194 Datasheet
9Mb / 44P
Providing high-performance solutions for every link in the signal chain
ISL28194FHZ-T7 INTERSIL-ISL28194FHZ-T7 Datasheet
1Mb / 16P
Ultra-Small, 330nA and 1關A Single Supply, Rail-to-Rail Input/Output (RRIO) Op Amps
October 9, 2007
ISL28194FHZ-T7 INTERSIL-ISL28194FHZ-T7 Datasheet
1Mb / 16P
Ultra-Small, 330nA and 1uA Single Supply, Rail-to-Rail Input/Output (RRIO) Op Amps
October 1, 2008
More results


Similar Description - ISL28194

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP191 AD-OP191 Datasheet
479Kb / 20P
Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
REV.0
OP191 AD-OP191_06 Datasheet
605Kb / 24P
Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
Rev. D
logo
Intersil Corporation
ISL28146 INTERSIL-ISL28146 Datasheet
778Kb / 15P
5MHz, Single and Dual Rail-to-Rail Input-Output (RRIO) Op Amps
February 11, 2008
ISL28194 INTERSIL-ISL28194 Datasheet
1Mb / 16P
Ultra-Small, 330nA and 1關A Single Supply, Rail-to-Rail Input/Output (RRIO) Op Amps
October 9, 2007
ISL28194 INTERSIL-ISL28194_08 Datasheet
1Mb / 16P
Ultra-Small, 330nA and 1uA Single Supply, Rail-to-Rail Input/Output (RRIO) Op Amps
October 1, 2008
ISL28146_0806 INTERSIL-ISL28146_0806 Datasheet
820Kb / 16P
5MHz, Single and Dual Rail-to-Rail Input-Output (RRIO) Op Amps
June 23, 2008
logo
Monolithic Power System...
MP5121 MPS-MP5121 Datasheet
480Kb / 12P
High Speed, Rail-to-Rail Input-Output, and Single-Supply Op Amps
logo
Analog Devices
OP191 AD-OP191_15 Datasheet
562Kb / 24P
eMicropower Single-Supply Rail-to-Rail Input/Output Op Amps
Rev. E
OP291 AD-OP291_15 Datasheet
562Kb / 24P
Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
Rev. E
OP491 AD-OP491_15 Datasheet
562Kb / 24P
Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
Rev. E
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com