Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL8210M Datasheet (PDF) - Renesas Technology Corp

ISL8210M Datasheet PDF - Renesas Technology Corp
Part # ISL8210M
Download  ISL8210M Download
File Size   2171.89 Kbytes
Page   41 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 10A High Efficiency Step-Down Power Module

ISL8210M Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL8210M Datasheet PDF - Renesas Technology Corp

Part # ISL8210M
Download  ISL8210M Click to download

File Size   2171.89 Kbytes
Page   41 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 10A High Efficiency Step-Down Power Module

ISL8210M Datasheet (HTML) - Renesas Technology Corp


ISL8210M Product details

Features
• R4 Technology
• Linear control loop for optimal transient response
• Variable frequency and duty cycle control during
load transient for fastest possible response
• Inherent voltage feed-forward for wide range
input
• Input voltage range: 4.5V to 16.5V
• Output voltage range: 0.5V to 5V
• ±1.5% load and line regulation with remote sense
• Supports all ceramic solutions
• Integrated LDOs for single input rail solution
• 256 output voltage levels with a configuration pin
• Seven switching frequency options from 300kHz to
1MHz
• PFM operation option for improved light-load
efficiency
• Start-up into precharged load
• Power-good monitor for soft-start and fault detection
• Comprehensive fault protection for high system
reliability
• Over-temperature protection
• Output overcurrent and short-circuit protection
• Output overvoltage and undervoltage protection
• Open remote sense protection
• Input UVLO and power sequence as well as fault
reset
• Thermally enhanced 12mmx11mmx5.3mm HDA
package
Related Literature
For a full list of related documents, visit our website:
• ISL8210M device page




Similar Part No. - ISL8210M

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL8212M RENESAS-ISL8212M Datasheet
2Mb / 41P
15A High Efficiency Step-Down Power Module
Feb 15, 2019
ISL8212MEVAL1Z RENESAS-ISL8212MEVAL1Z Datasheet
2Mb / 41P
15A High Efficiency Step-Down Power Module
Feb 15, 2019
ISL8212MFRZ RENESAS-ISL8212MFRZ Datasheet
2Mb / 41P
15A High Efficiency Step-Down Power Module
Feb 15, 2019
ISL8212MFRZ-T RENESAS-ISL8212MFRZ-T Datasheet
2Mb / 41P
15A High Efficiency Step-Down Power Module
Feb 15, 2019
ISL8212MFRZ-T1 RENESAS-ISL8212MFRZ-T1 Datasheet
2Mb / 41P
15A High Efficiency Step-Down Power Module
Feb 15, 2019
More results


Similar Description - ISL8210M

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8566 MAXIM-MAX8566 Datasheet
285Kb / 21P
High-Efficiency, 10A, PWM Internal-Switch Step-Down Regulator
Rev 0; 6/05
logo
Monolithic Power System...
MP8762 MPS-MP8762 Datasheet
1Mb / 39P
High Efficiency, 10A, 18V Synchronous Step-down Converter
MPQ8636A-10 MPS-MPQ8636A-10 Datasheet
1Mb / 22P
High Efficiency, 10A, 18V Synchronous, Step-Down Converter
MP8758 MPS-MP8758 Datasheet
867Kb / 21P
High Efficiency, 10A, 18V Synchronous, Step-Down Converter
MP8762H MPS-MP8762H Datasheet
2Mb / 36P
High Efficiency, 10A, 18V Synchronous Step-down Converter
logo
Linear Technology
LTM4649EY LINER-LTM4649EY Datasheet
667Kb / 8P
High Efficiency 10A Step-Down 關Module Regulator
logo
Monolithic Power System...
MP8771 MPS-MP8771 Datasheet
1Mb / 23P
17V, 10A, 700kHz, High-Efficiency, Synchronous, Step-Down Converter
logo
Analog Devices
LTM4658 AD-LTM4658 Datasheet
1Mb / 26P
Low VIN, High Efficiency 10A Step-Down DC/DC 關Module Regulator
Rev. 0
logo
Renesas Technology Corp
ISL8212M RENESAS-ISL8212M Datasheet
2Mb / 41P
15A High Efficiency Step-Down Power Module
Feb 15, 2019
ISL8280M RENESAS-ISL8280M Datasheet
2Mb / 51P
10A High Efficiency Hybrid Digital Step-Down Power Module
Feb 15, 2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com