Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL9016A Datasheet (PDF) - Renesas Technology Corp

ISL9016A Datasheet PDF - Renesas Technology Corp
Part # ISL9016A
Download  ISL9016A Download
File Size   753.45 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 150mA Dual LDO with Low Noise, High PSRR and Low IQ

ISL9016A Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL9016A Datasheet PDF - Renesas Technology Corp

Part # ISL9016A
Download  ISL9016A Click to download

File Size   753.45 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 150mA Dual LDO with Low Noise, High PSRR and Low IQ

ISL9016A Datasheet (HTML) - Renesas Technology Corp


ISL9016A Product details

Features
• Dual integrated 150mA high performance LDOs
• High PSRR: 80dB at 1kHz and 45dB at 1MHz
• Reverse current protection
• Low quiescent current
- 49μA (single LDO enabled)/80μA (dual LDOs enabled)
• Excellent load transient response
• Typically ±0.8% output voltage accuracy
• Low output noise: typically 25μVRMS
• Wide input voltage capability: 1.8V to 6.5V
• Low dropout voltage: typically 120mV at 150mA
• Separate enable control for each LDO
• Stable with 1μF to 4.7μF ceramic output capacitors
• Soft-start to limit input current surge during enable
• Current limit and overheat protection
• Tiny 6 Ld 1.6mmx1.6mm UTDFN package
• Pb-free (RoHS Compliant)
Applications
• PDAs, cell phones and smart phones
• Portable instruments, MP3/4 players, PMP, DSC
• Handheld devices including medical handhelds




Similar Part No. - ISL9016A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9016 INTERSIL-ISL9016 Datasheet
207Kb / 11P
150mA Dual LDO with Low Noise, High PSRR, and Low IQ
ISL9016 INTERSIL-ISL9016 Datasheet
9Mb / 44P
Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL9016 RENESAS-ISL9016 Datasheet
558Kb / 11P
150mA Dual LDO with Low Noise, High PSRR, and Low IQ
logo
Intersil Corporation
ISL9016 INTERSIL-ISL9016 Datasheet
464Kb / 11P
150mA Dual LDO with Low Noise, High PSRR, and Low IQ
May 16, 2011
ISL9016IRUBBZ-T INTERSIL-ISL9016IRUBBZ-T Datasheet
207Kb / 11P
150mA Dual LDO with Low Noise, High PSRR, and Low IQ
More results


Similar Description - ISL9016A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9011A INTERSIL-ISL9011A Datasheet
208Kb / 11P
Dual LDO with Low Noise, Low IQ, and High PSRR
January 30, 2007
ISL9016 INTERSIL-ISL9016 Datasheet
207Kb / 11P
150mA Dual LDO with Low Noise, High PSRR, and Low IQ
ISL9012 INTERSIL-ISL9012 Datasheet
233Kb / 11P
Dual LDO with Low Noise, Low IQ, and High PSRR
ISL9014A INTERSIL-ISL9014A Datasheet
214Kb / 11P
Dual LDO with Low Noise, Low IQ, and High PSRR
March 11, 2008
ISL9011AIRNNZ INTERSIL-ISL9011AIRNNZ Datasheet
320Kb / 12P
Dual LDO with Low Noise, Low IQ and High PSRR
September 1, 2015
ISL9014AIRNNZ INTERSIL-ISL9014AIRNNZ Datasheet
211Kb / 11P
Dual LDO with Low Noise, Low IQ, and High PSRR
March 11, 2008
ISL9016IRUWCZ-T INTERSIL-ISL9016IRUWCZ-T Datasheet
464Kb / 11P
150mA Dual LDO with Low Noise, High PSRR, and Low IQ
May 16, 2011
logo
Renesas Technology Corp
ISL9011A RENESAS-ISL9011A Datasheet
584Kb / 12P
Dual LDO with Low Noise, Low IQ and High PSRR
ISL9014A RENESAS-ISL9014A Datasheet
606Kb / 13P
Dual LDO with Low Noise, Low IQ, and High PSRR
ISL9016 RENESAS-ISL9016 Datasheet
558Kb / 11P
150mA Dual LDO with Low Noise, High PSRR, and Low IQ
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com