Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL9123 Datasheet (PDF) - Renesas Technology Corp

ISL9123 Datasheet PDF - Renesas Technology Corp
Part # ISL9123
Download  ISL9123 Download
File Size   764.95 Kbytes
Page   24 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Ultra-Low IQ Buck Regulator with Bypass

ISL9123 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL9123 Datasheet PDF - Renesas Technology Corp

Part # ISL9123
Download  ISL9123 Click to download

File Size   764.95 Kbytes
Page   24 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Ultra-Low IQ Buck Regulator with Bypass

ISL9123 Datasheet (HTML) - Renesas Technology Corp


ISL9123 Product details

Features
• 950nA quiescent current
• 86% efficiency at 10μA load (VIN = 3.6V,
VOUT = 3.3V)
• 97% peak efficiency (VIN = 3.6V, VOUT = 3.3V)
• Input voltage range: 1.8V to 5.5V
• Output voltage range: 0.4V to 5.375V
• Output current: up to 600mA (VIN > 2.5V)
• Selectable Forced and Auto Bypass power saving
modes
• PFM and PWM modes with seamless transition
• I2C control and voltage adjustability
• Hysteretic controller
• Auxiliary switched output
• Small 1.8mm×1.0mm 8 Bump WLCSP
Applications
• Smart watches and wristband devices
• Wireless earphones
• Internet of Things (IoT) devices
• Water, gas, and oil meters
• Portable medical devices
• Hearing aid devices




Similar Part No. - ISL9123

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9123 RENESAS-ISL9123 Datasheet
1Mb / 29P
Ultra-Low IQ Buck Regulator with Bypass
Aug 17, 2023
ISL9123A RENESAS-ISL9123A Datasheet
1Mb / 29P
Ultra-Low IQ Buck Regulator with Bypass
Aug 17, 2023
ISL9123AIIC-EVZ RENESAS-ISL9123AIIC-EVZ Datasheet
1Mb / 29P
Ultra-Low IQ Buck Regulator with Bypass
Aug 17, 2023
ISL9123AIICZ-T RENESAS-ISL9123AIICZ-T Datasheet
1Mb / 29P
Ultra-Low IQ Buck Regulator with Bypass
Aug 17, 2023
ISL9123B RENESAS-ISL9123B Datasheet
1Mb / 29P
Ultra-Low IQ Buck Regulator with Bypass
Aug 17, 2023
More results


Similar Description - ISL9123

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1453 SEMTECH-SC1453 Datasheet
119Kb / 5P
150mA Ultra Low Dropout Regulator with Low Noise Bypass
logo
ADDtek Corp
AMC7637 ADDTEK-AMC7637 Datasheet
162Kb / 7P
ULTRA LOW IQ 300mA LOW DROPOUT REGULATOR
JUNE 2007
logo
Semtech Corporation
SC1453 SEMTECH-SC1453_06 Datasheet
245Kb / 14P
150mA Ultra Low Dropout Regulator with Low Noise Bypass
SC1453 SEMTECH-SC1453_08 Datasheet
253Kb / 15P
150mA Ultra Low Dropout Regulator with Low Noise Bypass
logo
ON Semiconductor
NCV8770 ONSEMI-NCV8770 Datasheet
210Kb / 13P
Ultra Low Iq 350 mA LDO Regulator with Reset
February, 2013 ??Rev. 1
logo
Texas Instruments
TPS61291 TI-TPS61291_15 Datasheet
1Mb / 25P
TPS61291 Low Iq Boost Converter with Bypass Operation
TPS61291 TI1-TPS61291_16 Datasheet
1Mb / 25P
TPS61291 Low Iq Boost Converter with Bypass Operation
logo
Rohm
BD70522GUL ROHM-BD70522GUL Datasheet
2Mb / 28P
Ultra Low Iq Buck Converter
logo
ON Semiconductor
NCV8775C ONSEMI-NCV8775C Datasheet
225Kb / 15P
Ultra Low Iq 350 mA LDO Regulator with Reset
December, 2019 ??Rev. 1
logo
Renesas Technology Corp
ISL9122A RENESAS-ISL9122A Datasheet
873Kb / 29P
Ultra-Low IQ Buck-Boost Regulator With Bypass
Mar 17, 2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com