Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL9206 Datasheet (PDF) - Renesas Technology Corp

ISL9206 Datasheet PDF - Renesas Technology Corp
Part # ISL9206
Download  ISL9206 Download
File Size   935.1 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FlexiHash™ For Battery Authentication

ISL9206 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL9206 Datasheet PDF - Renesas Technology Corp

Part # ISL9206
Download  ISL9206 Click to download

File Size   935.1 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FlexiHash™ For Battery Authentication

ISL9206 Datasheet (HTML) - Renesas Technology Corp


ISL9206 Product details

Features
• Challenge-response based authentication scheme using
32-Bit challenge code and 8-Bit authentication code.
• Fast and flexible authentication process. Multi-pass
authentication can be used to achieve the highest security
level if necessary.
• 16x8 OTP ROM stores up to three sets of 32-Bit
host-selectable secrets with additional programmable
memory for storage of up to 48-Bits of ID code and/or pack
information.
• FlexiHash+ engine uses two sets of 32-Bit secrets for
authentication code generation.
• Non-unique mapping of the secret key to an 8-Bit
authentication code maximizes hacking difficulty due to
need for exhaustive key search (superior to SHA-1).
• Supports 1-cell Li-Ion/Li-Poly and 3-cell series NiMH
battery packs (2.6V ~ 4.8V operation), or powered by the
XSD bus.
• XSD single-wire host bus interface communicates with all
8250-compatible UART’s or a single GPIO. Supports CRC
on read data and transfer bit-rate up to 23kbps.
• True “Zero Power” Sleep mode - automatically entered
after a bus inactivity time-out period
• 5 Ld SOT-23 or 8 Ld TDFN (2mm x 3mm) packages
• -20°C to +85°C operating temperature range
• Pb-free plus anneal available (RoHS compliant)
Applications
• Battery Pack Authentication
• Printer Cartridges
• Add-on Accessories
• Other Non-Monetary Authentication Applications




Similar Part No. - ISL9206

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9206 INTERSIL-ISL9206 Datasheet
370Kb / 16P
FlexiHash For Battery Authentication
March 9, 2006
ISL9206 INTERSIL-ISL9206 Datasheet
347Kb / 17P
FlexiHash For Battery Authentication
January 5, 2007
ISL9206A INTERSIL-ISL9206A Datasheet
349Kb / 17P
FlexiHash For Battery Authentication
February 12, 2008
ISL9206A INTERSIL-ISL9206A Datasheet
357Kb / 17P
FlexiHash For Battery Authentication
July 30, 2008
logo
Renesas Technology Corp
ISL9206A RENESAS-ISL9206A Datasheet
919Kb / 17P
FlexiHash™ For Battery Authentication
July 30, 2008
More results


Similar Description - ISL9206

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6296 INTERSIL-ISL6296 Datasheet
384Kb / 17P
FlexiHash For Battery Authentication
February 1, 2005
ISL9206 INTERSIL-ISL9206 Datasheet
370Kb / 16P
FlexiHash For Battery Authentication
March 9, 2006
ISL9206 INTERSIL-ISL9206_07 Datasheet
347Kb / 17P
FlexiHash For Battery Authentication
January 5, 2007
ISL6296 INTERSIL-ISL6296_07 Datasheet
372Kb / 19P
FlexiHash??For Battery Authentication
January 17, 2007
ISL9206A INTERSIL-ISL9206A Datasheet
349Kb / 17P
FlexiHash For Battery Authentication
February 12, 2008
ISL6296 INTERSIL-ISL6296_08 Datasheet
364Kb / 19P
FlexiHash??For Battery Authentication
ISL6296A INTERSIL-ISL6296A Datasheet
420Kb / 20P
FlexiHash For Battery Authentication
April 15, 2010
ISL6296A INTERSIL-ISL6296A Datasheet
119Kb / 2P
FlexiHash™ For Battery Authentication
May 26, 2015
ISL9206ADHZ-T INTERSIL-ISL9206ADHZ-T Datasheet
357Kb / 17P
FlexiHash For Battery Authentication
July 30, 2008
logo
Renesas Technology Corp
ISL9206A RENESAS-ISL9206A Datasheet
919Kb / 17P
FlexiHash™ For Battery Authentication
July 30, 2008
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com