Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL9208 Datasheet (PDF) - Renesas Technology Corp

ISL9208 Datasheet PDF - Renesas Technology Corp
Part # ISL9208
Download  ISL9208 Download
File Size   1322.8 Kbytes
Page   28 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Multi-Cell Li-ion Battery Pack OCP/Analog Front End

ISL9208 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL9208 Datasheet PDF - Renesas Technology Corp

Part # ISL9208
Download  ISL9208 Click to download

File Size   1322.8 Kbytes
Page   28 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Multi-Cell Li-ion Battery Pack OCP/Analog Front End

ISL9208 Datasheet (HTML) - Renesas Technology Corp


ISL9208 Product details

Features
• Software selectable overcurrent protection levels and
variable protect detection times
- 4 discharge overcurrent thresholds
- 4 short circuit thresholds
- 4 charge overcurrent thresholds
- 8 overcurrent delay times (Charge)
- 8 overcurrent delay times (Discharge)
- 2 short circuit delay times (Discharge)
• Automatic FET turn-off and cell balance disable on reaching
external (battery) or internal (IC) temperature limit.
• Automatic override of cell balance on reaching internal
(IC) temperature limit.
• Fast short circuit pack shutdown
• Can use current sense resistor, FET rDS(ON), or Sense
FET for overcurrent detection.
• Four battery backed software controlled flags.
• Allows three different FET controls:
- Back-to-back N-Channel FETs for charge and discharge
control
- Single N-Channel discharge FET.
- Single N-Channel FET for discharge, with separate,
optional (smaller) back-to-back N-channel FETs for
charge.
• Integrated Charge/Discharge FET Drive Circuitry with
200μA (typ) turn-on current and 150mA (typ) Discharge
FET turn-off current.
• 10% Accurate 3.3V voltage regulator (minimum 25mA out
with external NPN transistor having current gain of 70).
• Monitored cell voltage output stable in 100μs.
• Internal Cell balancing FETs handle up to 200mA of
balancing current for each cell (with the number of cells
being balanced limited by the maximum package power
dissipation of 400mW).
• Simple I2
C host interface
• Sleep operation with programmable negative edge or
positive edge wake-up.
• <10μA Sleep Mode
• Pb-free (RoHS compliant)




Similar Part No. - ISL9208

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9208 INTERSIL-ISL9208 Datasheet
502Kb / 29P
Multi-Cell Li-ion Battery Pack OCP/Analog Front End
February 16, 2007
ISL9208 INTERSIL-ISL9208 Datasheet
503Kb / 28P
Multi-Cell Li-ion Battery Pack OCP/Analog Front End
November 2, 2007
ISL9208IRZ INTERSIL-ISL9208IRZ Datasheet
502Kb / 29P
Multi-Cell Li-ion Battery Pack OCP/Analog Front End
February 16, 2007
ISL9208IRZ INTERSIL-ISL9208IRZ Datasheet
503Kb / 28P
Multi-Cell Li-ion Battery Pack OCP/Analog Front End
November 2, 2007
ISL9208_0711 INTERSIL-ISL9208_0711 Datasheet
503Kb / 28P
Multi-Cell Li-ion Battery Pack OCP/Analog Front End
November 2, 2007
More results


Similar Description - ISL9208

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9208 INTERSIL-ISL9208 Datasheet
502Kb / 29P
Multi-Cell Li-ion Battery Pack OCP/Analog Front End
February 16, 2007
ISL9208_0711 INTERSIL-ISL9208_0711 Datasheet
503Kb / 28P
Multi-Cell Li-ion Battery Pack OCP/Analog Front End
November 2, 2007
ISL94200 INTERSIL-ISL94200 Datasheet
422Kb / 28P
Multi-Cell Li-ion Battery Pack OCP/Analog Front-End
July 3, 2008
ISL94201 INTERSIL-ISL94201 Datasheet
301Kb / 19P
Multi-Cell Li-ion Battery Pack Analog Front-End
July 3, 2008
ISL94212 INTERSIL-ISL94212 Datasheet
151Kb / 2P
Multi-Cell Li-Ion Battery Manager
December 14, 2012
ISL94208 INTERSIL-ISL94208 Datasheet
955Kb / 37P
4- to 6-Cell Li-ion Battery Management Analog Front-End
November 26, 2012
ISL94208 INTERSIL-ISL94208_14 Datasheet
916Kb / 36P
4- to 6-Cell Li-ion Battery Management Analog Front-End
June 21, 2013
logo
Renesas Technology Corp
ISL94200 RENESAS-ISL94200 Datasheet
1Mb / 28P
Multi-Cell Li-ion Battery Pack OCP/Analog Front-End
ISL94201 RENESAS-ISL94201 Datasheet
801Kb / 19P
Multi-Cell Li-ion Battery Pack Analog Front-End
ISL94208 RENESAS-ISL94208 Datasheet
1Mb / 36P
4- to 6-Cell Li-ion Battery Management Analog Front-End
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com