Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBSS4160T-Q Datasheet (PDF) - Nexperia B.V. All rights reserved

PBSS4160T-Q Datasheet PDF - Nexperia B.V. All rights reserved
Part # PBSS4160T-Q
Download  PBSS4160T-Q Download
File Size   257.81 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 60 V, 1 A NPN low VCEsat (BISS) transistor

PBSS4160T-Q Datasheet (PDF)

Go To PDF Page Download Datasheet
PBSS4160T-Q Datasheet PDF - Nexperia B.V. All rights reserved

Part # PBSS4160T-Q
Download  PBSS4160T-Q Click to download

File Size   257.81 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 60 V, 1 A NPN low VCEsat (BISS) transistor

PBSS4160T-Q Datasheet (HTML) - Nexperia B.V. All rights reserved


PBSS4160T-Q Product details

1. General description
NPN low VCEsat transistor in a small SOT23 plastic package. PNP complement: PBSS5160T-Q.

2. Features and benefits
• Low collector-emitter saturation voltage VCEsat
• High collector current capability IC and ICM
• High efficiency, reduces heat generation
• Reduces printed-circuit board area required
• Qualified according to AEC-Q101 and recommended for use in automotive applications

3. Applications
• Major application segments:
• Automotive 42 V power
• Telecom infrastructure
• Industrial.
• Power management:
• DC-to-DC conversion
• Supply line switching.
• Peripheral driver
• Driver in low supply voltage applications (e.g. lamps and LEDs)
• Inductive load driver (e.g. relays, buzzers and motors).




Similar Part No. - PBSS4160T-Q

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS4160T PHILIPS-PBSS4160T Datasheet
111Kb / 10P
60 V, 1 A NPN low VCEsat (BISS) transistor
2004 May 12
PBSS4160T PHILIPS-PBSS4160T Datasheet
948Kb / 12P
Low VCEsat (BISS) transistors
May 2006
logo
Foshan Blue Rocket Elec...
PBSS4160T FOSHAN-PBSS4160T Datasheet
466Kb / 6P
Silicon NPN transistor in a SOT-23 Plastic Package
logo
Nexperia B.V. All right...
PBSS4160T NEXPERIA-PBSS4160T Datasheet
852Kb / 12P
60 V, 1 A NPN low VCEsat (BISS) transistor
1 April 2023
PBSS4160T NEXPERIA-PBSS4160T Datasheet
573Kb / 11P
60 V, 1 A NPN low VCEsat (BISS) transistor
2004 May 12
More results


Similar Description - PBSS4160T-Q

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS4160T PHILIPS-PBSS4160T Datasheet
111Kb / 10P
60 V, 1 A NPN low VCEsat (BISS) transistor
2004 May 12
PBSS4160V PHILIPS-PBSS4160V Datasheet
101Kb / 14P
60 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 02-31 January 2005
PBSS4160V NXP-PBSS4160V Datasheet
166Kb / 14P
60 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 03-11 December 2009
PBSS4160U NXP-PBSS4160U Datasheet
211Kb / 14P
60 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 03-11 December 2009
PBSS4160QA NXP-PBSS4160QA Datasheet
266Kb / 17P
60 V, 1 A NPN low VCEsat (BISS) transistor
23 August 2013
PBSS4160U PHILIPS-PBSS4160U_15 Datasheet
211Kb / 14P
60 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 03-11 December 2009
PBSS4160V PHILIPS-PBSS4160V_15 Datasheet
166Kb / 14P
60 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 03-11 December 2009
logo
Nexperia B.V. All right...
PBSS4160QA NEXPERIA-PBSS4160QA Datasheet
744Kb / 17P
60 V, 1 A NPN low VCEsat (BISS) transistor
23 August 2013
PBSS4160U NEXPERIA-PBSS4160U Datasheet
324Kb / 15P
60 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 03 - 11 December 2009
PBSS4160V NEXPERIA-PBSS4160V Datasheet
251Kb / 12P
60 V, 1 A NPN low VCEsat (BISS) transistor
28 December 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com