Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM5T Datasheet (PDF) - AIMTEC

AM5T Datasheet PDF - AIMTEC
Part # AM5T
Download  AM5T Download
File Size   279.63 Kbytes
Page   3 Pages
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC
Description 5 watt dc-dc converters

AM5T Datasheet (PDF)

Go To PDF Page Download Datasheet
AM5T Datasheet PDF - AIMTEC

Part # AM5T
Download  AM5T Click to download

File Size   279.63 Kbytes
Page   3 Pages
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC
Description 5 watt dc-dc converters

AM5T Datasheet (HTML) - AIMTEC


AM5T Product details

GENERAL DESCRIPTION
Our AM5T series is a family of cost effective 5W single and dual output DC-DC converters. Input voltages of 12, 24 & 48 VDC with output voltages of 3.3, 5, 7.2, 9, 12, 15, 18, 24, ±3.3, ±5, ±7.2, ±9, ±12, ±15, ±18 & ±24VDC. Full SMD-design and a 100% production test of parameters ensures a high reliability in this product.

5 watt dc-dc converters

• 24-PIN DIP PACKAGE
• WIDE 2:1 INPUT RANGE
• HIGH EFFICIENCY UP TO 80%
• LOW PROFILE METAL PACKAGE
• INPUT/OUTPUT ISOLATION: 1500 & 3500 VDC
• CONTINUOUS SHORT CIRCUIT PROTECTION
• OPERATING TEMPERATURE: -40°C ... +85°C
• PIN-COMPATIBLE WITH MULTIPLE MANUFACTURERS




Similar Part No. - AM5T

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM5T-0503DH35Z AIMTEC-AM5T-0503DH35Z Datasheet
543Kb / 5P
5 Watt | DC-DC Converter
AM5T-0503DH35Z AIMTEC-AM5T-0503DH35Z Datasheet
306Kb / 5P
5 Watt | DC-DC Converter
AM5T-0503DZ AIMTEC-AM5T-0503DZ Datasheet
543Kb / 5P
5 Watt | DC-DC Converter
AM5T-0503DZ AIMTEC-AM5T-0503DZ Datasheet
306Kb / 5P
5 Watt | DC-DC Converter
AM5T-0503SH35Z AIMTEC-AM5T-0503SH35Z Datasheet
543Kb / 5P
5 Watt | DC-DC Converter
More results


Similar Description - AM5T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AM5TW ETC-AM5TW Datasheet
466Kb / 2P
5 WATT DC-DC CONVERTERS
logo
AIMTEC
AM5T-N AIMTEC-AM5T-N Datasheet
295Kb / 3P
5 watt dc-dc converters
AM5TW AIMTEC-AM5TW Datasheet
261Kb / 2P
5 watt dc-dc converters
AM5TW-C AIMTEC-AM5TW-C Datasheet
311Kb / 2P
5 watt dc-dc converters
AM5TW-N AIMTEC-AM5TW-N Datasheet
309Kb / 3P
5 watt dc-dc converters
logo
Wall Industries,Inc.
DCHAA WALL-DCHAA Datasheet
401Kb / 4P
5~6 Watt DC/DC Power Converters
DCMUA WALL-DCMUA Datasheet
279Kb / 5P
5 Watt DC/DC Power Converters
DCHAA WALL-DCHAA_16 Datasheet
402Kb / 4P
5~6 Watt DC/DC Power Converters
logo
CINCON ELECTRONICS Corp...
EC4AW-H6 CINCON-EC4AW-H6 Datasheet
132Kb / 2P
5-6 WATT DC-DC CONVERTERS
logo
TRACO Electronic AG
TES5 TRACOPOWER-TES5 Datasheet
207Kb / 3P
DC/DC Converters TES 5 Series, 5 Watt
Rev. September 16, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com