Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC705MC4MP Datasheet (PDF) - NXP Semiconductors

MC68HC705MC4MP Datasheet PDF - NXP Semiconductors
Part # MC68HC705MC4MP
Download  MC68HC705MC4MP Download
File Size   1829.56 Kbytes
Page   180 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description General Release Specification

MC68HC705MC4MP Datasheet (PDF)

Go To PDF Page Download Datasheet
MC68HC705MC4MP Datasheet PDF - NXP Semiconductors

Part # MC68HC705MC4MP
Download  MC68HC705MC4MP Click to download

File Size   1829.56 Kbytes
Page   180 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description General Release Specification

MC68HC705MC4MP Datasheet (HTML) - NXP Semiconductors


MC68HC705MC4MP Product details

Features
Features of the MC68HC705MC4 are listed below. Note that all timing is
based on a 3-MHz bus.
• Low-Cost, HC05 Core Running at 3-MHz Bus Speed at VDD = 5 V
± 10%
• 28-Pin Plastic Dual In-Line Package (PDIP), Small Outline
Integrated Circuit (SOIC), or Windowed Ceramic Package with
Low Electromagnetic Interference (EMI) Emission Pinout
• 3584 Bytes of User EPROM, Including Eight User Vectors of Two
Bytes Each
• 176 Bytes of User RAM
• Dual-Channel, High-Speed PWM, Featuring:
– 8-Bit Duty Cycle Resolution
– Independent Prescaler Frequency Selection and Period
Counters
– Two Frequency Ranges, Eight Steps in Each:
183 Hz to 23.4 kHz
122 Hz to 15.6 kHz
– Software Programmable PWM Polarity
– Dual Software Controllable PWM Output Multiplexer, Each
PWM to Three Input/Output (I/O)
• 8-Bit A/D Converter with Six Input Multiplexer
– High and Low References
– Conversion Rate = 10.7 ms
• 16-Bit Timer with Two Input Captures or One Input Capture Plus
One Output Compare
– Resolution = 1.33 ms
– Input Capture Active Edge Software Selectable as Rising or
Falling
• 15-Stage, Multi-Function Core Timer with Timer Overflow,
Real-Time Interrupt, and Watchdog
• Asynchronous Serial Communications Interface (SCI)
• 22 General-Purpose I/O Lines, Some Shared with Peripheral
Functions
• One 8-Bit High Source Current I/O Port
– 10 mA/Pin
– 20 mA Maximum/Port
– Port A
• One High-Sink Current 10 mA Output Pin, PB7
• Mask, Request, Acknowledge, Edge and Sensitivity (Edge- and
Level-Sensitive or Edge-Sensitive Only) Control/Status Bits for
IRQ Interrupt
• On-Chip Oscillator for Crystal/Ceramic Resonator
• Mask Selectable Computer Operating Properly (COP) Watchdog
System
• Illegal Address Reset
• Steering Diode on RESET Pin to VDD




Similar Part No. - MC68HC705MC4MP

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68HC705MC4MP FREESCALE-MC68HC705MC4MP Datasheet
5Mb / 180P
General Release Specification
More results


Similar Description - MC68HC705MC4MP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
68HC705H12 MOTOROLA-68HC705H12 Datasheet
1Mb / 196P
General Release Specification
logo
Freescale Semiconductor...
68HC05C5 FREESCALE-68HC05C5 Datasheet
1Mb / 58P
SPECIFICATION (General Release)
68HC05CC1 FREESCALE-68HC05CC1 Datasheet
11Mb / 140P
SPECIFICATION (General Release)
logo
Motorola, Inc
68HC05L5 MOTOROLA-68HC05L5 Datasheet
942Kb / 200P
General Release Specification
logo
Freescale Semiconductor...
MC68HC05P1A FREESCALE-MC68HC05P1A Datasheet
3Mb / 124P
General Release Specification
68HC05P4A FREESCALE-68HC05P4A_1 Datasheet
2Mb / 83P
SPECIFICATION (General Release)
logo
Motorola, Inc
68HC05PD6 MOTOROLA-68HC05PD6 Datasheet
815Kb / 165P
SPECIFICATION (General Release)
logo
Freescale Semiconductor...
MC68HC705CT4 FREESCALE-MC68HC705CT4 Datasheet
970Kb / 152P
General Release Specification
MC68HC08LN56 FREESCALE-MC68HC08LN56 Datasheet
1Mb / 246P
General Release Specification
logo
NXP Semiconductors
MC68HC05RC8 NXP-MC68HC05RC8 Datasheet
1Mb / 122P
General Release Specification
REV. 3.0
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com