Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCX41 Datasheet (PDF) - Diodes Incorporated

BCX41 Datasheet PDF - Diodes Incorporated
Part # BCX41
Download  BCX41 Download
File Size   430.86 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 125V NPN MEDIUM POWER TRANSISTOR IN SOT23

BCX41 Datasheet (PDF)

Go To PDF Page Download Datasheet
BCX41 Datasheet PDF - Diodes Incorporated

Part # BCX41
Download  BCX41 Click to download

File Size   430.86 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 125V NPN MEDIUM POWER TRANSISTOR IN SOT23

BCX41 Datasheet (HTML) - Diodes Incorporated


BCX41 Product details

Features
 BVCEO > 125V
 IC = 800mA High Continuous Collector Current
 Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
 Halogen and Antimony Free. “Green” Device (Note 3)




Similar Part No. - BCX41

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BCX41 ZETEX-BCX41 Datasheet
47Kb / 1P
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Siemens Semiconductor G...
BCX41 SIEMENS-BCX41 Datasheet
140Kb / 4P
NPN Silicon AF and Switching Transistor (High breakdown voltage Low collector-emitter saturation voltage)
logo
Infineon Technologies A...
BCX41 INFINEON-BCX41 Datasheet
50Kb / 5P
NPN Silicon AF and Switching Transistors
Aug-20-2001
logo
Guangdong Kexin Industr...
BCX41 KEXIN-BCX41 Datasheet
37Kb / 1P
Medium Power Transistor
logo
Infineon Technologies A...
BCX41 INFINEON-BCX41 Datasheet
76Kb / 7P
NPN Silicon AF and Switching Transistor
2007-04-20
More results


Similar Description - BCX41

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FMMT491 DIODES-FMMT491 Datasheet
324Kb / 8P
Medium power NPN transistor in SOT23
November 2007
FMMT491TA DIODES-FMMT491TA Datasheet
153Kb / 7P
60V NPN MEDIUM POWER TRANSISTOR IN SOT23
Rev 6
FMMT491 DIODES-FMMT491_15 Datasheet
393Kb / 7P
60V NPN MEDIUM POWER TRANSISTOR IN SOT23
Rev 8
FMMT493 DIODES-FMMT493_15 Datasheet
385Kb / 7P
100V NPN MEDIUM POWER TRANSISTOR IN SOT23
Rev 4
FMMT624 DIODES-FMMT624_15 Datasheet
215Kb / 7P
125V NPN LOW SATURATION TRANSISTOR IN SOT23
Rev 5
FMMT489 DIODES-FMMT489_15 Datasheet
248Kb / 7P
30V NPN MEDIUM POWER TRANSISTOR IN SOT23
Rev 4
ZXTN2031F DIODES-ZXTN2031F_15 Datasheet
407Kb / 7P
50V NPN MEDIUM POWER TRANSISTOR IN SOT23
Rev 3
BCX41Q DIODES-BCX41Q Datasheet
477Kb / 7P
125V NPN MEDIUM POWER TRANSISTOR IN SOT23
October 2017 Rev. 1 - 2
BCX5216Q DIODES-BCX5216Q Datasheet
398Kb / 7P
125V NPN MEDIUM POWER TRANSISTOR IN SOT23
October 2017 Rev. 1 - 2
ZTN23015CFHQ DIODES-ZTN23015CFHQ Datasheet
601Kb / 7P
15V NPN MEDIUM POWER TRANSISTOR IN SOT23
July 2020 Rev. 1 - 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com