Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSP75GTA Datasheet (PDF) - Diodes Incorporated

BSP75GTA Datasheet PDF - Diodes Incorporated
Part # BSP75GTA
Download  BSP75GTA Download
File Size   756.36 Kbytes
Page   8 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 60V SELF-PROTECTED LOW-SIDE INTELLIFET MOSFET SWITCH

BSP75GTA Datasheet (PDF)

Go To PDF Page Download Datasheet
BSP75GTA Datasheet PDF - Diodes Incorporated

Part # BSP75GTA
Download  BSP75GTA Click to download

File Size   756.36 Kbytes
Page   8 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 60V SELF-PROTECTED LOW-SIDE INTELLIFET MOSFET SWITCH

BSP75GTA Datasheet (HTML) - Diodes Incorporated


BSP75GTA Product details

Features
 Short Circuit Protection with Auto Restart
 Over Voltage Protection (Active Clamp)
 Thermal Shutdown with Auto Restart
 Over-Current Protection
 Input Protection (ESD)
 Load Dump Protection (Actively Protects Load)
 Logic Level Input
 High Continuous Current Rating
 Lead-Free Finish; RoHS Compliant (Note 1 & 2)
 Halogen and Antimony Free. “Green” Device (Note 3)
 An Automotive-Compliant Part is Available Under Separate Datasheet (BSP75GQ)

Applications
 Especially Suited for Loads with a High In-Rush Current such as Lamps and Motors
 All Types of Resistive, Inductive and Capacitive Loads in Switching Applications
 μC Compatible Power Switch for 12V and 24V DC Applications
 Automotive Rated
 Replaces Electromechanical Relays and Discrete Circuits
 Linear Mode Capability - the current-limiting protection circuitry is designed to de-activate at low VDS to in order not to compromise the load current during normal operation. The maximum DC operating current is therefore determined by the thermal capability of the package/board combination, rather than by the protection circuitry.




Similar Part No. - BSP75GTA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BSP75GTA ZETEX-BSP75GTA Datasheet
382Kb / 8P
60V self-protected low-side IntelliFETTM MOSFET switch
More results


Similar Description - BSP75GTA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BSP75G ZETEX-BSP75G Datasheet
382Kb / 8P
60V self-protected low-side IntelliFETTM MOSFET switch
BSP75N ZETEX-BSP75N Datasheet
644Kb / 8P
60V self-protected low-side IntellifetTM MOSFET switch
logo
Diodes Incorporated
ZXMS6004DT8 DIODES-ZXMS6004DT8 Datasheet
241Kb / 9P
60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE INTELLIFET??MOSFET
DS32245 Rev. 1 - 2
ZXMS6005DG DIODES-ZXMS6005DG Datasheet
561Kb / 9P
60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE INTELLIFET??MOSFET
DS32247 Rev. 1 - 2
ZXMS6005DT8 DIODES-ZXMS6005DT8 Datasheet
252Kb / 9P
60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE INTELLIFET??MOSFET
DS32248 Rev. 1 - 2
ZXMS6005SG DIODES-ZXMS6005SG Datasheet
562Kb / 9P
60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE INTELLIFET??MOSFET
DS32249 Rev. 1 - 2
ZXMS6004FFTA DIODES-ZXMS6004FFTA Datasheet
420Kb / 10P
60V N-channel self protected enhancement mode Intellifet MOSFET
DECEMBER 2008
BSP75GQ DIODES-BSP75GQ Datasheet
777Kb / 8P
60V SELF-PROTECTED LOW-SIDE INTELLIFET MOSFET SWITCH
June 2018 Rev. 5 - 2
BSP75N DIODES-BSP75N Datasheet
866Kb / 9P
60V SELF-PROTECTED LOW-SIDE IntelliFET MOSFET SWITCH
June 2022 Rev. 6 - 2
BSP75NQ DIODES-BSP75NQ Datasheet
865Kb / 9P
60V SELF-PROTECTED LOW-SIDE IntelliFET MOSFET SWITCH
June 2022 Rev. 6 - 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com