Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSP75NTA Datasheet (PDF) - Diodes Incorporated

BSP75NTA Datasheet PDF - Diodes Incorporated
Part # BSP75NTA
Download  BSP75NTA Download
File Size   866.13 Kbytes
Page   9 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 60V SELF-PROTECTED LOW-SIDE IntelliFET MOSFET SWITCH

BSP75NTA Datasheet (PDF)

Go To PDF Page Download Datasheet
BSP75NTA Datasheet PDF - Diodes Incorporated

Part # BSP75NTA
Download  BSP75NTA Click to download

File Size   866.13 Kbytes
Page   9 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 60V SELF-PROTECTED LOW-SIDE IntelliFET MOSFET SWITCH

BSP75NTA Datasheet (HTML) - Diodes Incorporated


BSP75NTA Product details

Features
 Short-Circuit Protection with Auto Restart
 Overvoltage Protection (Active Clamp)
 Thermal Shutdown with Auto Restart
 Overcurrent Protection
 Input Protection (ESD)
 Load-Dump Protection (Actively Protects Load)
 Logic-Level Input
 High Continuous Current Rating
 Lead-Free Finish; RoHS Compliant (Note 1 & 2)
 Halogen and Antimony Free. “Green” Device (Note 3)
 This part is qualified to JEDEC standards (as references in AEC-Q) for High Reliability.

Applications
 Especially suited for loads with high inrush current, such as lamps and motors
 All types of resistive, inductive, and capacitive loads in switching applications
 μC compatible power switches for 12V and 24V DC applications
 Automotive rated
 Replaces electromechanical relays and discrete circuits
 Linear mode capability—current-limiting protection circuitry is designed to deactivate at low VDS to not compromise the load current during normal operation. Maximum DC operating current is therefore determined by thermal capability of the package/board combination rather than by protection circuitry, which does not compromise the product’s ability to self-protect at low VDS.




Similar Part No. - BSP75NTA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BSP75NTA ZETEX-BSP75NTA Datasheet
644Kb / 8P
60V self-protected low-side IntellifetTM MOSFET switch
More results


Similar Description - BSP75NTA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BSP75G ZETEX-BSP75G Datasheet
382Kb / 8P
60V self-protected low-side IntelliFETTM MOSFET switch
BSP75N ZETEX-BSP75N Datasheet
644Kb / 8P
60V self-protected low-side IntellifetTM MOSFET switch
logo
Diodes Incorporated
ZXMS6004DT8 DIODES-ZXMS6004DT8 Datasheet
241Kb / 9P
60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE INTELLIFET??MOSFET
DS32245 Rev. 1 - 2
ZXMS6005DG DIODES-ZXMS6005DG Datasheet
561Kb / 9P
60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE INTELLIFET??MOSFET
DS32247 Rev. 1 - 2
ZXMS6005DT8 DIODES-ZXMS6005DT8 Datasheet
252Kb / 9P
60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE INTELLIFET??MOSFET
DS32248 Rev. 1 - 2
ZXMS6005SG DIODES-ZXMS6005SG Datasheet
562Kb / 9P
60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE INTELLIFET??MOSFET
DS32249 Rev. 1 - 2
ZXMS6004FFTA DIODES-ZXMS6004FFTA Datasheet
420Kb / 10P
60V N-channel self protected enhancement mode Intellifet MOSFET
DECEMBER 2008
BSP75G DIODES-BSP75G Datasheet
756Kb / 8P
60V SELF-PROTECTED LOW-SIDE INTELLIFET MOSFET SWITCH
June 2018 Rev. 5 - 2
BSP75GQ DIODES-BSP75GQ Datasheet
777Kb / 8P
60V SELF-PROTECTED LOW-SIDE INTELLIFET MOSFET SWITCH
June 2018 Rev. 5 - 2
BSP75NQ DIODES-BSP75NQ Datasheet
865Kb / 9P
60V SELF-PROTECTED LOW-SIDE IntelliFET MOSFET SWITCH
June 2022 Rev. 6 - 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com