Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVA-0233LN+ Datasheet (PDF) - Mini-Circuits

AVA-0233LN+ Datasheet PDF - Mini-Circuits
Part # AVA-0233LN+
Download  AVA-0233LN+ Download
File Size   556.15 Kbytes
Page   7 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Wideband LNA

AVA-0233LN+ Datasheet (PDF)

Go To PDF Page Download Datasheet
AVA-0233LN+ Datasheet PDF - Mini-Circuits

Part # AVA-0233LN+
Download  AVA-0233LN+ Click to download

File Size   556.15 Kbytes
Page   7 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Wideband LNA

AVA-0233LN+ Datasheet (HTML) - Mini-Circuits


AVA-0233LN+ Product details

Wide Bandwidth, 2 to 30 GHz
Flat Gain Response, Typ. 16.3 dB ± 1 dB
Noise Figure, Typ. 2.4 dB
5x5mm 32-Lead SMT Package
Gain Control, Typ. 30 dB

APPLICATIONS
5G MIMO and Back Haul Radio Systems
Satellite Ka-Band Communications
Test and Measurement Equipment
Radar, EW, and ECM Defense Systems




Similar Part No. - AVA-0233LN+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
AVA-054-D+ MINI-AVA-054-D+ Datasheet
719Kb / 8P
Wideband AmpDie Plarit Nfiumbeer r
REV. OR
More results


Similar Description - AVA-0233LN+

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA1319C-EPU TRIQUINT-TGA1319C-EPU Datasheet
221Kb / 6P
Ka Band Wideband LNA/Driver
TGA2513-EPU TRIQUINT-TGA2513-EPU Datasheet
898Kb / 10P
Wideband LNA with AGC
TGA2513 TRIQUINT-TGA2513 Datasheet
103Kb / 9P
Wideband LNA
logo
RFHIC
WL1008-L RFHIC-WL1008-L Datasheet
659Kb / 4P
Wideband LNA
WL0510 RFHIC-WL0510 Datasheet
223Kb / 4P
Wideband LNA
WL1008-L RFHIC-WL1008-L Datasheet
677Kb / 5P
Wideband LNA
WL2205-L RFHIC-WL2205-L Datasheet
232Kb / 4P
Wideband LNA
WL2210-L RFHIC-WL2210-L Datasheet
238Kb / 4P
Wideband LNA
WLP0640 RFHIC-WLP0640 Datasheet
405Kb / 4P
Wideband LNA
logo
TriQuint Semiconductor
TGA2513 TRIQUINT-TGA2513_15 Datasheet
532Kb / 10P
Wideband LNA
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com