Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WL1008-L Datasheet (PDF) - RFHIC

WL1008-L Datasheet PDF - RFHIC
Part # WL1008-L
Download  WL1008-L Download
File Size   659.77 Kbytes
Page   4 Pages
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC
Description Wideband LNA

WL1008-L Datasheet (PDF)

Go To PDF Page Download Datasheet
WL1008-L Datasheet PDF - RFHIC

Part # WL1008-L
Download  WL1008-L Click to download

File Size   659.77 Kbytes
Page   4 Pages
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC
Description Wideband LNA

WL1008-L Datasheet (HTML) - RFHIC


WL1008-L Product details

Descriptions
RFHIC’s LOW Noise Amplifier series are all hybrid LNA type products which includes all matching for the convenience of customers. WL series are a wideband LNA used for up to 50~2200MHz. The structure of the device is built with GaAs p-HEMT die attached on a ceramic thick film substrate. The device is still smaller than the area one would use for the application notes all together. Depending on the part number, one can use this in different frequency applications. All LNA hybrids are possible to have custom frequency & spec without any additional NRE cost involved.

Product Features
• GaAs p-HEMT chip on board
• No matching circuit needed
• High Maximum input power(+25dBm)
• High IP3 & Low Noise
• Single Supply Voltage (+5V)
• Surface Mount Hybrid Type
• Tape & Reel Packaging
• Small Size, High Heatsink
• Alumina Substrate
• Pb Free / RoHS Standard

Applications
• 2G & 3G Repeater
• Base Station
• PCS, CDMA, W-CDMA
• GSM, DCS, UMTS
• RF Sub-Systems




Similar Part No. - WL1008-L

ManufacturerPart #DatasheetDescription
logo
RFHIC
WL1008-L RFHIC-WL1008-L Datasheet
677Kb / 5P
Wideband LNA
More results


Similar Description - WL1008-L

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA1319C-EPU TRIQUINT-TGA1319C-EPU Datasheet
221Kb / 6P
Ka Band Wideband LNA/Driver
TGA2513-EPU TRIQUINT-TGA2513-EPU Datasheet
898Kb / 10P
Wideband LNA with AGC
TGA2513 TRIQUINT-TGA2513 Datasheet
103Kb / 9P
Wideband LNA
logo
RFHIC
WL0510 RFHIC-WL0510 Datasheet
223Kb / 4P
Wideband LNA
WL1008-L RFHIC-WL1008-L Datasheet
677Kb / 5P
Wideband LNA
WL2205-L RFHIC-WL2205-L Datasheet
232Kb / 4P
Wideband LNA
WL2210-L RFHIC-WL2210-L Datasheet
238Kb / 4P
Wideband LNA
WLP0640 RFHIC-WLP0640 Datasheet
405Kb / 4P
Wideband LNA
logo
TriQuint Semiconductor
TGA2513 TRIQUINT-TGA2513_15 Datasheet
532Kb / 10P
Wideband LNA
logo
Mini-Circuits
AVA-0233LN+ MINI-AVA-0233LN+ Datasheet
556Kb / 7P
Wideband LNA
REV. A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com