Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVA-2183-D+ Datasheet (PDF) - Mini-Circuits

AVA-2183-D+ Datasheet PDF - Mini-Circuits
Part # AVA-2183-D+
Download  AVA-2183-D+ Download
File Size   499.36 Kbytes
Page   6 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Wideband Amplifier

AVA-2183-D+ Datasheet (PDF)

Go To PDF Page Download Datasheet
AVA-2183-D+ Datasheet PDF - Mini-Circuits

Part # AVA-2183-D+
Download  AVA-2183-D+ Click to download

File Size   499.36 Kbytes
Page   6 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Wideband Amplifier

AVA-2183-D+ Datasheet (HTML) - Mini-Circuits


AVA-2183-D+ Product details

Wideband, 2 to 18 GHz
Flat Gain 16.6±0.7 dB from 2 to 18 GHz
P1dB, +19.6 dBm Typ. at 10 GHz.
OIP3, +27.4 dBm Typ. at 10 GHz.

APPLICATIONS
5G MIMO and Back Haul Radio Systems
Satellite Communications
Test and Measurement Equipment
Radar, EW, and ECM Defense Systems




Similar Part No. - AVA-2183-D+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
AVA-2183+ MINI-AVA-2183+ Datasheet
614Kb / 9P
Wideband Amplifier
REV. OR
More results


Similar Description - AVA-2183-D+

ManufacturerPart #DatasheetDescription
logo
RFHIC
RFC1G22-24 RFHIC-RFC1G22-24 Datasheet
152Kb / 3P
Wideband Amplifier
RFC1G18H4-24-S RFHIC-RFC1G18H4-24-S Datasheet
197Kb / 3P
Wideband Amplifier
logo
Mini-Circuits
ZX60-23LM MINI-ZX60-23LM Datasheet
311Kb / 3P
Wideband Amplifier
logo
Sanyo Semicon Device
SMA3109 SANYO-SMA3109 Datasheet
114Kb / 5P
Wideband Amplifier
SMA3117 SANYO-SMA3117_12 Datasheet
580Kb / 7P
Wideband Amplifier
logo
RFHIC
RFC1G21H4 RFHIC-RFC1G21H4_17 Datasheet
1,000Kb / 5P
Wideband Amplifier
logo
SJM Prewell. All Rights...
PW113 SJM-PW113 Datasheet
248Kb / 4P
Wideband Amplifier
logo
Mini-Circuits
ZVA-02443HP MINI-ZVA-02443HP Datasheet
403Kb / 4P
Wideband Amplifier
ZX60-V81-S MINI-ZX60-V81-S Datasheet
314Kb / 4P
Wideband Amplifier
REV. D
AVA-183MP-D+ MINI-AVA-183MP-D+ Datasheet
659Kb / 8P
Wideband Amplifier
REV. OR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com