Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM-2G42G51K0+ Datasheet (PDF) - Mini-Circuits

COM-2G42G51K0+ Datasheet PDF - Mini-Circuits
Part # COM-2G42G51K0+
Download  COM-2G42G51K0+ Download
File Size   558.12 Kbytes
Page   4 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Power Splitter/Combiner

COM-2G42G51K0+ Datasheet (PDF)

Go To PDF Page Download Datasheet
COM-2G42G51K0+ Datasheet PDF - Mini-Circuits

Part # COM-2G42G51K0+
Download  COM-2G42G51K0+ Click to download

File Size   558.12 Kbytes
Page   4 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Power Splitter/Combiner

COM-2G42G51K0+ Datasheet (HTML) - Mini-Circuits


COM-2G42G51K0+ Product details

Very high-power handling, up to 1200W CW
Exceptionally low insertion loss, 0.1dB typ.
Low amplitude (0.15dB typ.) and phase unbalance (1º typ.)
Patent Pending

APPLICATIONS
RF energy generators
Industrial heating
Plasma generators
S-band high-power amplifiers




Similar Part No. - COM-2G42G51K0+

ManufacturerPart #DatasheetDescription
logo
Contec Co., Ltd
COM-2GY CONTEC-COM-2GY Datasheet
136Kb / 4P
F&eIT Series RS-232C 2ch Communication Module
More results


Similar Description - COM-2G42G51K0+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SCN-3-13 MINI-SCN-3-13 Datasheet
143Kb / 1P
Power Splitter/Combiner
SYPS-3-12W MINI-SYPS-3-12W Datasheet
177Kb / 1P
Power Splitter/Combiner
ZSC-3-1 MINI-ZSC-3-1 Datasheet
153Kb / 1P
Power Splitter/Combiner
ZFSC-2-1 MINI-ZFSC-2-1 Datasheet
166Kb / 1P
Power Splitter/Combiner
ZAPD-4 MINI-ZAPD-4 Datasheet
144Kb / 1P
Power Splitter/Combiner
ZAPD-2DC+ MINI-ZAPD-2DC+ Datasheet
225Kb / 1P
Power Splitter/Combiner
ZC2PD-5R263 MINI-ZC2PD-5R263 Datasheet
258Kb / 2P
Power Splitter/Combiner
ZC4PD-06263-S MINI-ZC4PD-06263-S Datasheet
304Kb / 2P
Power Splitter/Combiner
ZC16PD-2185 MINI-ZC16PD-2185 Datasheet
258Kb / 1P
Power Splitter/Combiner
ZSC-2-1 MINI-ZSC-2-1 Datasheet
158Kb / 1P
Power Splitter/Combiner
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com