Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZAPD-4 Datasheet (PDF) - Mini-Circuits

ZAPD-4 Datasheet PDF - Mini-Circuits
Part # ZAPD-4
Download  ZAPD-4 Download
File Size   144.5 Kbytes
Page   1 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Power Splitter/Combiner

ZAPD-4 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZAPD-4 Datasheet PDF - Mini-Circuits

Part # ZAPD-4
Download  ZAPD-4 Click to download

File Size   144.5 Kbytes
Page   1 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Power Splitter/Combiner

ZAPD-4 Datasheet (HTML) - Mini-Circuits


ZAPD-4 Product details

Features
• wideband, 2000 to 4200 MHz
• low insertion loss, 0.4 dB typ.
• good isolation, 25 dB typ.
• up to 10W power input as splitter
• excellent amplitude unbalance, 0.1 dB typ.
• excellent phase unbalance, 0.5 deg. typ.
• rugged shielded case

Applications
• MMDS
• ISM
• wireless
• communication systems
• instrumentation




Similar Part No. - ZAPD-4

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZAPD-4+ MINI-ZAPD-4+ Datasheet
225Kb / 1P
Power Splitter/Combiner
REV. E
ZAPD-4-N MINI-ZAPD-4-N Datasheet
225Kb / 1P
Power Splitter/Combiner
REV. E
ZAPD-4-N+ MINI-ZAPD-4-N+ Datasheet
225Kb / 1P
Power Splitter/Combiner
REV. E
ZAPD-4-S+ MINI-ZAPD-4-S+ Datasheet
225Kb / 1P
Power Splitter/Combiner
REV. E
More results


Similar Description - ZAPD-4

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SCN-3-13 MINI-SCN-3-13 Datasheet
143Kb / 1P
Power Splitter/Combiner
SYPS-3-12W MINI-SYPS-3-12W Datasheet
177Kb / 1P
Power Splitter/Combiner
ZSC-3-1 MINI-ZSC-3-1 Datasheet
153Kb / 1P
Power Splitter/Combiner
ZFSC-2-1 MINI-ZFSC-2-1 Datasheet
166Kb / 1P
Power Splitter/Combiner
ZAPD-2DC+ MINI-ZAPD-2DC+ Datasheet
225Kb / 1P
Power Splitter/Combiner
PSC-2-2 MINI-PSC-2-2 Datasheet
194Kb / 1P
Power Splitter/Combiner
ZC2PD-5R263 MINI-ZC2PD-5R263 Datasheet
258Kb / 2P
Power Splitter/Combiner
ZC4PD-06263-S MINI-ZC4PD-06263-S Datasheet
304Kb / 2P
Power Splitter/Combiner
ZC16PD-2185 MINI-ZC16PD-2185 Datasheet
258Kb / 1P
Power Splitter/Combiner
ZSC-2-1 MINI-ZSC-2-1 Datasheet
158Kb / 1P
Power Splitter/Combiner
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com