Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL54223 Datasheet (PDF) - Renesas Technology Corp

ISL54223 Datasheet PDF - Renesas Technology Corp
Part # ISL54223
Download  ISL54223 Download
File Size   1118.44 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High-Speed USB 2.0 (480Mbps) Multiplexer

ISL54223 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL54223 Datasheet PDF - Renesas Technology Corp

Part # ISL54223
Download  ISL54223 Click to download

File Size   1118.44 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High-Speed USB 2.0 (480Mbps) Multiplexer

ISL54223 Datasheet (HTML) - Renesas Technology Corp


ISL54223 Product details

Features
• High-Speed (480Mbps) and Full-Speed (12Mbps)
Signaling Capability per USB 2.0
• 1.8V Logic Compatible
• Enable Pin to Open all Switches
• Power OFF Protection
• D-/D+ Pins Overvoltage Tolerant to 5.5V
• -3dB Frequency . . . . . . . . . . . . . . . . . . . . . . . . . . 782MHz
• Low ON Capacitance . . . . . . . . . . . . . . . . . . . . . . . . 6.5pF
• Low ON-Resistance . . . . . . . . . . . . . . . . . . . . . . . . . 5.5
• Single Supply Operation (VDD) . . . . . . . . . . . 1.8V to 3.3V
• Available in μTQFN Package
• Pb-Free (RoHS Compliant)
• Compliant with USB 2.0 Short Circuit and Overvoltage
Requirements Without Additional External Components
Applications
• MP3 and other Personal Media Players
• Cellular/Mobile Phones
• PDA’s
• Digital Cameras and Camcorders
• USB Switching




Similar Part No. - ISL54223

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54223 INTERSIL-ISL54223 Datasheet
780Kb / 13P
High-Speed USB 2.0 (480Mbps) Multiplexer
February 9, 2009
ISL54223 INTERSIL-ISL54223 Datasheet
787Kb / 13P
High-Speed USB 2.0 (480Mbps) Multiplexer
May 27, 2009
ISL54223IRUZ-T INTERSIL-ISL54223IRUZ-T Datasheet
780Kb / 13P
High-Speed USB 2.0 (480Mbps) Multiplexer
February 9, 2009
ISL54223IRUZ-T INTERSIL-ISL54223IRUZ-T Datasheet
787Kb / 13P
High-Speed USB 2.0 (480Mbps) Multiplexer
May 27, 2009
ISL54223 INTERSIL-ISL54223_09 Datasheet
787Kb / 13P
High-Speed USB 2.0 (480Mbps) Multiplexer
May 27, 2009
More results


Similar Description - ISL54223

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54220 INTERSIL-ISL54220 Datasheet
808Kb / 15P
High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54221 INTERSIL-ISL54221 Datasheet
741Kb / 13P
High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54222 INTERSIL-ISL54222 Datasheet
850Kb / 15P
High-Speed USB 2.0 (480Mbps) Multiplexer
February 9, 2009
ISL54223 INTERSIL-ISL54223 Datasheet
780Kb / 13P
High-Speed USB 2.0 (480Mbps) Multiplexer
February 9, 2009
ISL54222 INTERSIL-ISL54222_09 Datasheet
856Kb / 15P
High-Speed USB 2.0 (480Mbps) Multiplexer
May 27, 2009
ISL54222A INTERSIL-ISL54222A Datasheet
891Kb / 17P
High-Speed USB 2.0 (480Mbps) Multiplexer
May 13, 2009
ISL54220 INTERSIL-ISL54220 Datasheet
841Kb / 18P
High-Speed USB 2.0 480Mbps Multiplexer
ISL54222A INTERSIL-ISL54222A_10 Datasheet
908Kb / 19P
High-Speed USB 2.0 (480Mbps) Multiplexer
February 4, 2010
logo
Renesas Technology Corp
ISL54220 RENESAS-ISL54220 Datasheet
1Mb / 18P
High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54221 RENESAS-ISL54221 Datasheet
1Mb / 13P
High-Speed USB 2.0 (480Mbps) Multiplexer
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com