Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL55020 Datasheet (PDF) - Renesas Technology Corp

ISL55020 Datasheet PDF - Renesas Technology Corp
Part # ISL55020
Download  ISL55020 Download
File Size   1541.55 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Wideband, Low Distortion, Differential Amplifier

ISL55020 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL55020 Datasheet PDF - Renesas Technology Corp

Part # ISL55020
Download  ISL55020 Click to download

File Size   1541.55 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Wideband, Low Distortion, Differential Amplifier

ISL55020 Datasheet (HTML) - Renesas Technology Corp


ISL55020 Product details

Features
• Fully differential current feedback amplifier
• High impedance differential inputs
• Differential output drives up to 100mA from a +12V supply
• Separate unity-gain common mode input (VCM)
• 300MHz bandwidth
• 1200V/μs Slewrate
• -73.3dBc typical driver output distortion at 10VPP; 1MHz
• -64.6dBc typical driver output distortion at 10VPP; 4MHz
• Low quiescent supply current of 21mA
• Pb-free plus anneal available (RoHS compliant)
Applications
• High Linearity ADC preamplifier
• Differential driver
• Wireless communication receiver
• Differential active filter




Similar Part No. - ISL55020

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL55020 INTERSIL-ISL55020 Datasheet
580Kb / 11P
Wideband, Low Distortion, Differential Amplifier
December 18, 2006
ISL55020IRZ INTERSIL-ISL55020IRZ Datasheet
580Kb / 11P
Wideband, Low Distortion, Differential Amplifier
December 18, 2006
ISL55020IRZ-T13 INTERSIL-ISL55020IRZ-T13 Datasheet
580Kb / 11P
Wideband, Low Distortion, Differential Amplifier
December 18, 2006
More results


Similar Description - ISL55020

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4509 TI-THS4509 Datasheet
2Mb / 30P
WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4508 TI-THS4508 Datasheet
3Mb / 29P
WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
logo
Intersil Corporation
ISL55020 INTERSIL-ISL55020 Datasheet
580Kb / 11P
Wideband, Low Distortion, Differential Amplifier
December 18, 2006
logo
Texas Instruments
THS4509-Q1 TI1-THS4509-Q1 Datasheet
1Mb / 37P
WIDEBAND LOW-NOISE LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIER
logo
National Semiconductor ...
THS4500-EP NSC-THS4500-EP Datasheet
646Kb / 38P
WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIER
THS4509 NSC-THS4509 Datasheet
1Mb / 42P
WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
logo
Texas Instruments
THS4509 TI1-THS4509_14 Datasheet
1Mb / 43P
WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
THS4511 TI1-THS4511_14 Datasheet
1Mb / 36P
WIDEBAND, LOW-NOISE, LOW-DISTORTION FULLY-DIFFERENTIAL AMPLIFIER
THS4520 TI1-THS4520_14 Datasheet
2Mb / 37P
WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4500-EP TI1-THS4500-EP_15 Datasheet
643Kb / 38P
WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIER
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com