Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL70020SEH Datasheet (PDF) - Renesas Technology Corp

ISL70020SEH Datasheet PDF - Renesas Technology Corp
Part # ISL70020SEH
Download  ISL70020SEH Download
File Size   521.66 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 40V, 65A Enhancement Mode GaN Power Transistors

ISL70020SEH Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL70020SEH Datasheet PDF - Renesas Technology Corp

Part # ISL70020SEH
Download  ISL70020SEH Click to download

File Size   521.66 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 40V, 65A Enhancement Mode GaN Power Transistors

ISL70020SEH Datasheet (HTML) - Renesas Technology Corp


ISL70020SEH Product details

Features
• Very low rDS(ON) 3.5mΩ (typical)
• Ultra low total gate charge 19nC (typical)
• ISL70020SEH radiation acceptance testing
○ High dose rate (50-300rad(Si)/s): 100krad(Si)
○ Low dose rate (0.01rad(Si)/s): 75krad(Si)
• ISL73020SEH radiation acceptance testing
○ Low dose rate (0.01rad(Si)/s): 75krad(Si)
• SEE hardness (see the SEE report for details)
○ SEL/SEB LETTH (VDS = 40V, VGS = 0V):
86.4MeV•cm2/mg
• Ultra small hermetically sealed 4 Ld Surface Mount
Device (SMD) package
○ Package area: 42mm2
• Full military-temperature range operation
○ TA = -55°C to +125°C
○ TJ = -55°C to +150°C
Applications
• Switching regulation
• Motor drives
• Relay drives
• Inrush protection
• Down hole drilling
• High reliability industrial




Similar Part No. - ISL70020SEH

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL70020SEH RENESAS-ISL70020SEH Datasheet
522Kb / 13P
40V, 65A Enhancement Mode GaN Power Transistors
Mar 28, 2024
ISL70020SEH RENESAS-ISL70020SEH_V01 Datasheet
522Kb / 13P
40V, 65A Enhancement Mode GaN Power Transistors
Mar 28, 2024
More results


Similar Description - ISL70020SEH

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTT65P04 UTC-UTT65P04 Datasheet
132Kb / 3P
65A, 40V P-CHANNEL POWER MOSFET
logo
uPI Group Inc.
UP1964 UPI-UP1964 Datasheet
608Kb / 11P
Single-Channel Gate Driver for Enhancement Mode GaN Transistors
UP1966A UPI-UP1966A Datasheet
589Kb / 9P
Dual-Channel Gate Driver for Enhancement Mode GaN Transistors
logo
Efficient Power Convers...
EPC2100 EPC-CO-EPC2100 Datasheet
2Mb / 9P
Enhancement-Mode GaN Power Transistor Half-Bridge
EPC2102 EPC-CO-EPC2102 Datasheet
1Mb / 7P
Enhancement-Mode GaN Power Transistor Half-Bridge
EPC2103 EPC-CO-EPC2103 Datasheet
1Mb / 7P
Enhancement-Mode GaN Power Transistor Half-Bridge
logo
Rohm
RD3G03BBG ROHM-RD3G03BBG Datasheet
2Mb / 13P
Nch 40V 65A Power MOSFET
20220926 - Rev.002
GNP1070TC-Z ROHM-GNP1070TC-Z Datasheet
1Mb / 12P
GaN Enhancement Mode Power Transistor
2023.04.18 - Rev.005
GNP1150TCA-Z ROHM-GNP1150TCA-Z Datasheet
1Mb / 12P
GaN Enhancement Mode Power Transistor
2023.04.18 - Rev.005
GNE1008TB ROHM-GNE1008TB Datasheet
1Mb / 6P
GaN Enhancement Mode Power Transistor
26.Jun.2023 Rev.003
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com