Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL70061SEH Datasheet (PDF) - Renesas Technology Corp

ISL70061SEH Datasheet PDF - Renesas Technology Corp
Part # ISL70061SEH
Download  ISL70061SEH Download
File Size   725.8 Kbytes
Page   23 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Hardened 10A PMOS Load Switch

ISL70061SEH Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL70061SEH Datasheet PDF - Renesas Technology Corp

Part # ISL70061SEH
Download  ISL70061SEH Click to download

File Size   725.8 Kbytes
Page   23 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Hardened 10A PMOS Load Switch

ISL70061SEH Datasheet (HTML) - Renesas Technology Corp


ISL70061SEH Product details

Features
• Electrically screened to DLA SMD 5962-19208
• Integrated high speed load switch
○ Turn-off time of 3μs
• Ultra-low ON-resistance (rON) of 14mΩ typical
• Continuous 10A switch current
• Controlled rise time to minimize inrush current
• Reverse current protection
• Simple ON/OFF logic control
• Undervoltage lockout
• Selectable 122Ω discharge MOSFET
• Radiation acceptance testing - ISL70061SEH
○ HDR (50-300rad(Si)/s): 100krad(Si)
○ LDR (0.01rad(Si)/s): 75krad(Si)
• Radiation acceptance testing - ISL73061SEH
○ LDR (0.01rad(Si)/s): 75krad(Si)
• SEE hardness (see SEE report for details)
○ No SEB/SEL LETTH, SWI, SWO, ON,
DON = 6.7V: 86MeV•cm2/mg
Related Literature
For a full list of related documents, visit our website:
• ISL70061SEH and ISL73061SEH device pages




Similar Part No. - ISL70061SEH

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL70062SEH RENESAS-ISL70062SEH Datasheet
893Kb / 26P
Radiation Hardened 10A NMOS Load Switch
Feb.7.20
ISL70062SEHEV1Z RENESAS-ISL70062SEHEV1Z Datasheet
893Kb / 26P
Radiation Hardened 10A NMOS Load Switch
Feb.7.20
ISL70062SEHF RENESAS-ISL70062SEHF Datasheet
893Kb / 26P
Radiation Hardened 10A NMOS Load Switch
Feb.7.20
ISL70062SEHVF RENESAS-ISL70062SEHVF Datasheet
893Kb / 26P
Radiation Hardened 10A NMOS Load Switch
Feb.7.20
ISL70062SEHVX RENESAS-ISL70062SEHVX Datasheet
893Kb / 26P
Radiation Hardened 10A NMOS Load Switch
Feb.7.20
More results


Similar Description - ISL70061SEH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IS-1715ARH INTERSIL-IS-1715ARH Datasheet
30Kb / 2P
Radiation Hardened Complementary Switch FET Driver
August 2000
logo
Microsemi Corporation
2N2221A MICROSEMI-2N2221A_1 Datasheet
144Kb / 7P
RADIATION HARDENED
2N2906A MICROSEMI-2N2906A_1 Datasheet
105Kb / 6P
RADIATION HARDENED
2N3498 MICROSEMI-2N3498_1 Datasheet
111Kb / 3P
RADIATION HARDENED
2N3634 MICROSEMI-2N3634_1 Datasheet
233Kb / 5P
RADIATION HARDENED
logo
Xilinx, Inc
DS692 XILINX-DS692 Datasheet
1Mb / 41P
Radiation-Hardened
logo
Texas Instruments
TPS7H2201-SP TI1-TPS7H2201-SP Datasheet
916Kb / 31P
Radiation Hardened 1.5-V to 7-V, 6-A Load Switch
TPS7H2201-SP TI1-TPS7H2201-SP_18 Datasheet
917Kb / 32P
Radiation Hardened 1.5-V to 7-V, 6-A Load Switch
TPS7H2201-SP TI1-TPS7H2201-SP_19 Datasheet
1Mb / 32P
Radiation Hardened 1.5-V to 7-V, 6-A Load Switch
logo
Renesas Technology Corp
ISL70062SEH RENESAS-ISL70062SEH Datasheet
893Kb / 26P
Radiation Hardened 10A NMOS Load Switch
Feb.7.20
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com