Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL71026M Datasheet (PDF) - Renesas Technology Corp

ISL71026M Datasheet PDF - Renesas Technology Corp
Part # ISL71026M
Download  ISL71026M Download
File Size   956.97 Kbytes
Page   32 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3V CAN Transceiver, 1Mbps, Listen Mode, Loopback

ISL71026M Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL71026M Datasheet PDF - Renesas Technology Corp

Part # ISL71026M
Download  ISL71026M Click to download

File Size   956.97 Kbytes
Page   32 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3V CAN Transceiver, 1Mbps, Listen Mode, Loopback

ISL71026M Datasheet (HTML) - Renesas Technology Corp


ISL71026M Product details

Features
• ESD protection on all pins: 5kV HBM
• Bus pin fault protection to ±20V
• Cold spare: powered down devices/nodes will not
affect active devices operating in parallel
• Three selectable driver rise and fall times
• Full fail-safe (open, short, terminated/undriven)
receiver
• Quiescent supply current: 7mA (max), Listen mode
supply current: 2mA (max)
• Tin (Sn) free lead finish with Ni/Pd/Au-Ag lead finish
• Passes NASA Low Outgassing Specifications
• Characterized Radiation Level:
• 30krad(Si) at a low dose rate
• Single event effects at LET = 43MeV•cm2/mg
Related Literature
For a full list of related documents, visit our website




Similar Part No. - ISL71026M

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL71026M RENESAS-ISL71026M Datasheet
1Mb / 29P
3.3V CAN Transceiver, 1Mbps, Listen Mode, Loopback
Feb 6, 2025
ISL71026M30VZ RENESAS-ISL71026M30VZ Datasheet
1Mb / 29P
3.3V CAN Transceiver, 1Mbps, Listen Mode, Loopback
Feb 6, 2025
ISL71026M30VZ-T RENESAS-ISL71026M30VZ-T Datasheet
1Mb / 29P
3.3V CAN Transceiver, 1Mbps, Listen Mode, Loopback
Feb 6, 2025
ISL71026M30VZ-T7A RENESAS-ISL71026M30VZ-T7A Datasheet
1Mb / 29P
3.3V CAN Transceiver, 1Mbps, Listen Mode, Loopback
Feb 6, 2025
ISL71026M50VZ RENESAS-ISL71026M50VZ Datasheet
1Mb / 29P
3.3V CAN Transceiver, 1Mbps, Listen Mode, Loopback
Feb 6, 2025
More results


Similar Description - ISL71026M

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3051 MAXIM-MAX3051 Datasheet
191Kb / 13P
3.3V, 1Mbps, Low-Supply-Current CAN Transceiver
logo
List of Unclassifed Man...
HI-3000H ETC2-HI-3000H Datasheet
77Kb / 12P
1Mbps Avionics CAN Transceiver
logo
Maxim Integrated Produc...
MAX3051 MAXIM-MAX3051_15 Datasheet
651Kb / 12P
3.3V, 1Mbps, Low-Supply-Current CAN Transceiver
Rev 3; 2/15
logo
Intersil Corporation
ISL72026SEH INTERSIL-ISL72026SEH Datasheet
847Kb / 18P
3.3V Radiation Tolerant CAN Transceiver, 1Mbps, Listen Mode, Loopback
November 9, 2015
ISL72027SEH INTERSIL-ISL72027SEH Datasheet
863Kb / 18P
3.3V Radiation Tolerant CAN Transceiver, 1Mbps, Listen Mode, Split Termination Output
November 9, 2015
logo
Holt Integrated Circuit...
HI-3001 HOLTIC-HI-3001 Datasheet
87Kb / 13P
1Mbps Avionics CAN Transceiver 1Mbps Avionics CAN Transceiver
logo
Maxim Integrated Produc...
MAX3051 MAXIM-MAX3051_V01 Datasheet
719Kb / 13P
3.3V, 1Mbps, Low-Supply-Current CAN Transceiver
19-3274; Rev 5; 9/18
logo
Renesas Technology Corp
ISL72026BSEH RENESAS-ISL72026BSEH Datasheet
898Kb / 20P
3.3V Radiation Tolerant CAN Transceiver with Listen Mode and Loopback
Jan 10, 2020
ISL72026SEH RENESAS-ISL72026SEH Datasheet
992Kb / 18P
3.3V Radiation Tolerant CAN Transceiver with Listen Mode and Loopback
August 16, 2016
ISL72027BSEH RENESAS-ISL72027BSEH Datasheet
1Mb / 20P
3.3V Radiation Tolerant CAN Transceiver, with Listen Mode and Split Termination Output
November 30, 2016
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com