Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BB909A Datasheet (PDF) - NXP Semiconductors

BB909A Datasheet PDF - NXP Semiconductors
Part # BB909A
Download  BB909A Download
File Size   30.3 Kbytes
Page   4 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description VHF variable capacitance diodes

BB909A Datasheet (PDF)

Go To PDF Page Download Datasheet
BB909A Datasheet PDF - NXP Semiconductors

Part # BB909A
Download  BB909A Click to download

File Size   30.3 Kbytes
Page   4 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description VHF variable capacitance diodes

BB909A Datasheet (HTML) - NXP Semiconductors


BB909A Product details

DESCRIPTION
The BB909A, BB909B are variable capacitance diodes, fabricated in planar technology, and encapsulated in hermetically sealed leaded glass SOD68 (DO-34) packages.

FEATURES
• Excellent linearity
• Matched to 2.5%
• Hermetically sealed leaded glass SOD68 (DO-34) package
• C28: 2.9 pF; ratio: 13.5
• Low series resistance.

APPLICATIONS
• Electronic tuning in VHF television tuners, band B up to 460 MHz
• VCO.




Similar Part No. - BB909A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BB901 PHILIPS-BB901 Datasheet
25Kb / 4P
VHF variable capacitance diode
1996 May 03
More results


Similar Description - BB909A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BB204B PHILIPS-BB204B Datasheet
31Kb / 5P
VHF variable capacitance double diodes
1996 May 03
logo
Leshan Radio Company
BB187 LRC-BB187 Datasheet
140Kb / 2P
VHF variable capacitance diode
logo
NXP Semiconductors
BB157 PHILIPS-BB157 Datasheet
59Kb / 8P
VHF variable capacitance diode
2002 Mar 05
BB187 NXP-BB187_04 Datasheet
50Kb / 7P
VHF variable capacitance diode
Rev. 04-3 November 2004
BB182.115 NXP-BB182.115 Datasheet
51Kb / 6P
VHF variable capacitance diode
Rev. 03-24 February 2009
BB153.115 NXP-BB153.115 Datasheet
96Kb / 8P
VHF variable capacitance diode
Rev. 4-6 September 2011
logo
SHENZHEN YONGERJIA INDU...
BB910 WINNERJOIN-BB910 Datasheet
160Kb / 2P
VHF VARIABLE CAPACITANCE DIODES
BB910 WINNERJOIN-BB910_15 Datasheet
160Kb / 2P
VHF VARIABLE CAPACITANCE DIODES
logo
NXP Semiconductors
BB173LX NXP-BB173LX Datasheet
229Kb / 9P
VHF variable capacitance diode
Rev. 1-25 March 2013
logo
SHIKUES Electronics
BB133 SKTECHNOLGY-BB133 Datasheet
496Kb / 2P
VHF Variable Capacitance Diode
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com