Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF-RD700 Datasheet (PDF) - NXP Semiconductors

MF-RD700 Datasheet PDF - NXP Semiconductors
Part # MF-RD700
Download  MF-RD700 Download
File Size   198.03 Kbytes
Page   18 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description PEGODA Contactless Smart Card Reader

MF-RD700 Datasheet (PDF)

Go To PDF Page Download Datasheet
MF-RD700 Datasheet PDF - NXP Semiconductors

Part # MF-RD700
Download  MF-RD700 Click to download

File Size   198.03 Kbytes
Page   18 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description PEGODA Contactless Smart Card Reader

MF-RD700 Datasheet (HTML) - NXP Semiconductors


MF-RD700 Product details

Description
The MIFARE® Pegoda reader, the MF RD700, is a new contactless reader based on the MF RC500 reader
IC. The MF RC500 is member of a new family for highly integrated reader ICs for contactless communication
at 13.56 MHz.
All layers of ISO14443A as well as the MIFARE® classic protocol are supported.
The Pegoda reader is designed to fulfil several requirements.
It covers all functionality of the MF RC500 to be able to use this reader as a reference design for a new
hardware design based on the MF RC500 reader IC and is designed for easy PC adaptation and application
development as well.
The Pegoda is the basic component for 2 evaluation kits:

Features
· contactless smart card reader
· based on the MF RM 700 reader module containing the MF RC 500 reader IC
· contactless operating frequency 13.56 MHz
· Supports MIFARE® Dual Interface Card ICs and ISO 14443A part 1- 4
· Supports MIFARE® Classic protocol
· typical operating distance: 75mm
· CE and FCC compliant
· USB host interface
· USB bus powered 5 VDC power supply
· Unique serial number of each reader device
· supported by Windows 2000 and Windows 98




Similar Part No. - MF-RD700

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-R BOURNS-MF-R Datasheet
281Kb / 6P
PTC Resettable Fuses
MF-R BOURNS-MF-R Datasheet
210Kb / 6P
PTC Resettable Fuses
MF-R BOURNS-MF-R Datasheet
710Kb / 6P
PTC Resettable Fuses
MF-R BOURNS-MF-R Datasheet
887Kb / 10P
MF-R Series - PTC Resettable Fuses
REV. AL, 05/21
MF-R005 BOURNS-MF-R005 Datasheet
281Kb / 6P
PTC Resettable Fuses
More results


Similar Description - MF-RD700

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MFRC522 NXP-MFRC522 Datasheet
2Mb / 109P
Contactless Reader IC
Rev. 3.2-22 May 2007
CLRD701 PHILIPS-CLRD701 Datasheet
192Kb / 16P
PEGODA Contactless Smart Card Reader
November 2004
MFRC522 NXP-MFRC522_09 Datasheet
526Kb / 96P
Contactless reader IC
Rev. 3.3-26 October 2009
MFRC522 NXP-MFRC522_10 Datasheet
760Kb / 96P
Contactless reader IC
Rev. 3.4-5 March 2010
MFRC523 NXP-MFRC523 Datasheet
776Kb / 98P
Contactless reader IC
Rev. 3.3-5 March 2010
CLRC663 NXP-CLRC663 Datasheet
1Mb / 132P
Contactless reader IC
Rev. 3.3-3 April 2012
MFRC630 NXP-MFRC630 Datasheet
1Mb / 118P
Contactless reader IC
Rev. 3.1-6 September 2012
CLRD730 NXP-CLRD730 Datasheet
3Mb / 36P
PEGODA contactless smart card reader based on open-controller NFC reader PN7642 with optional contact interface
Rev. 3.0 - 6 July 2023
CLRD730 NXP-CLRD730_V01 Datasheet
3Mb / 35P
Pegoda Smart Card Reader based on PN7642
Rev. 3.1 - 31 August 2023
CLRD730 NXP-CLRD730_V02 Datasheet
3Mb / 37P
Pegoda smart card reader based on PN7642
Rev. 3.2 - 6 November 2023
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com