Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9450AA Datasheet (PDF) - NXP Semiconductors

PCA9450AA Datasheet PDF - NXP Semiconductors
Part # PCA9450AA
Download  PCA9450AA Download
File Size   1285.33 Kbytes
Page   96 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Power management IC for i.MX 8M application processor family

PCA9450AA Datasheet (PDF)

Go To PDF Page Download Datasheet
PCA9450AA Datasheet PDF - NXP Semiconductors

Part # PCA9450AA
Download  PCA9450AA Click to download

File Size   1285.33 Kbytes
Page   96 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Power management IC for i.MX 8M application processor family

PCA9450AA Datasheet (HTML) - NXP Semiconductors


PCA9450AA Product details

description
PCA9450 is a single chip Power Management IC (PMIC) specifically designed to
support i.MX 8M family processor in both 1 cell Li-Ion and Li-polymer battery portable
application and 5 V adapter non-portable applications. It supports various memory types
(DDR4/LPDDR4/DDR3L, etc.) via system UBOOT configuration, which does not require
hardware change.
The device provides six high efficiency step-down regulators, five LDOs, one 400 mA
load switch, 2-channel level translator and 32.768 kHz crystal oscillator driver.
Three buck regulators support Dynamic Voltage Scaling (DVS) feature along with
programmable ramping up and down time and those buck regulators support remote
sense to compensate IR drop to load from buck regulator. This device is characterized
across -40 °C to 105 °C ambient temperature range.
Six step-down regulators are designed to provide power for i.MX 8M application
processor and DRAM memory. Two LDOs, LDO1 and LDO2, feature very low quiescent
current to provide power for Secure Non-Volatile Storage (SNVS) since these LDOs are
always ON when input voltage is valid.
PCA9450 integrates logic translator which is a 2-bit, dual supply translating transceiver
with auto direction sensing. It enables bidirectional voltage level translation. It can be
used as I2C level translator. 400 mA load switch is to supply 3.3 V power supply to SD
card, which has internal discharge resistor.
PCA9450 has three versions: PCA9450AA is companion PMIC for (i.MX 8M Mini),
PCA9450B is companion PMIC for i.MX 8M Nano and PCA9450C is companion PMIC
for i.MX 8M Plus.
The PCA9450 is offered in 56-pin HVQFN package, 7 mm x 7 mm, 0.4 mm pitch.

Features
• Six high-efficiency step-down regulators
– Three 3 A buck regulators with DVS feature and remote sense
– PCA9450AA – Three 3 A buck regulators
– PCA9450B – Two 3 A buck regulators
– PCA9450C – 6 A dual-phase buck regulator and 3 A buck regulator
• One 3 A buck regulator
• Two 2 A buck regulators
• Five linear regulators
– Two 10 mA LDOs
– One 150 mA LDO
– One 200 mA LDO
– One 300 mA LDO

Applications
• IoT Devices
• Tablet
• Electronic Point of Sale (ePOS)
• Industrial application




Similar Part No. - PCA9450AA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9450AAHN NXP-PCA9450AAHN Datasheet
1Mb / 94P
Power management IC for i.MX 8M application processor family
Rev. 2.3 - 8 July 2024
PCA9450AAHNY NXP-PCA9450AAHNY Datasheet
1Mb / 94P
Power management IC for i.MX 8M application processor family
Rev. 2.3 - 8 July 2024
More results


Similar Description - PCA9450AA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS6521825 TI1-TPS6521825 Datasheet
1Mb / 107P
TPS6521825 Power Management IC (PMIC) for NXP i.MX 8M Mini
TPS6521825 TI1-TPS6521825_V01 Datasheet
1Mb / 109P
TPS6521825 Power Management IC (PMIC) for NXP i.MX 8M Mini
logo
NXP Semiconductors
PCA9450 NXP-PCA9450 Datasheet
1Mb / 96P
Power management IC for i.MX 8M application processor family
Rev. 1.0-19 November 2019
IMX8MNIEC NXP-IMX8MNIEC Datasheet
1Mb / 89P
i.MX 8M Nano Applications Processor Datasheet for Industrial Products
Rev. 0.1, 03/2020
IMX8MNCEC NXP-IMX8MNCEC Datasheet
1Mb / 89P
i.MX 8M Nano Applications Processor Datasheet for Consumer Products
Rev. 0.1, 03/2020
IMX8MMINIFS NXP-IMX8MMINIFS Datasheet
187Kb / 2P
i.MX 8M Mini Applications Processor
IMX8MMCEC NXP-IMX8MMCEC Datasheet
1Mb / 92P
i.MX 8M Mini Applications Processor Datasheet for Consumer Products
Rev. 1, 07/2020
logo
Analog Devices
ADP5140 AD-ADP5140 Datasheet
3Mb / 128P
Power Management IC for Automotive Application
Rev. 0
logo
NXP Semiconductors
IMX8MNCEC NXP-IMX8MNCEC_V01 Datasheet
1Mb / 117P
i.MX 8M Nano Applications Processor Datasheet for Consumer Products
Rev. 5, 09/2022
IMX8MNIEC NXP-IMX8MNIEC_V01 Datasheet
1Mb / 114P
i.MX 8M Nano Applications Processor Datasheet for Industrial Products
Rev. 5, 09/2022
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com