Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S12CPU15UG Datasheet (PDF) - NXP Semiconductors

S12CPU15UG Datasheet PDF - NXP Semiconductors
Part # S12CPU15UG
Download  S12CPU15UG Download
File Size   8058.17 Kbytes
Page   548 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description The HCS12 V1.5 Core is a 16-bit processing core using the 68HC12 instruction set architecture (ISA).

S12CPU15UG Datasheet (PDF)

Go To PDF Page Download Datasheet
S12CPU15UG Datasheet PDF - NXP Semiconductors

Part # S12CPU15UG
Download  S12CPU15UG Click to download

File Size   8058.17 Kbytes
Page   548 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description The HCS12 V1.5 Core is a 16-bit processing core using the 68HC12 instruction set architecture (ISA).

S12CPU15UG Datasheet (HTML) - NXP Semiconductors


S12CPU15UG Product details

Features
The main features of the Core are:
• High-speed, 16-bit processing with the same programming model and instruction set as the
Motorola 68HC12 CPU
• Full 16-bit data paths for efficient arithmetic operation and high-speed mathematical execution
• Allows instructions with odd byte counts, including many single-byte instructions for more
efficient use of program memory space
• Three stage instruction queue to buffer program information for more efficient CPU execution
• Extensive set of indexed addressing capabilities including:
– Using the stack pointer as an indexing register in all indexed operations
– Using the program counter as an indexing register in all but auto increment/decrement mode
– Accumulator offsets using A, B or D accumulators
– Automatic index pre-decrement, pre-increment, post-decrement and post-increment (by -8 to
+8)
– 5-bit, 9-bit or 16-bit signed constant offsets
– 16-bit offset indexed-indirect and accumulator D offset indexed-indirect addressing
• Provides 2 to 122 I bit maskable interrupt vectors, 1 X bit maskable interrupt vector, 2 nonmaskable
CPU interrupt vectors and 3 reset vectors
• Optional register configurable highest priority I bit maskable interrupt
• On-chip memory and peripheral block interfacing with internal memory expansion capability and
external data chip select
• Configurable system memory and mapping options
• External Bus Interface (8-bit or 16-bit, multiplexed or non-multiplexed)
• Multiple modes of operation
• Hardware breakpoint support for forced or tagged breakpoints with two modes of operation:
– Dual Address Mode to match on either of two addresses
– Full Breakpoint Mode to match on address and data combination
• Single-wire background debug system implemented in on-chip hardware
• Secured mode of operation
• Fully synthesizable design
• Single Core clock operation
• Full Mux-D scan test implementation




Similar Part No. - S12CPU15UG

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
S12CPUV2 MOTOROLA-S12CPUV2 Datasheet
2Mb / 138P
MC9S12DT128 Device User Guide V02.09
logo
Freescale Semiconductor...
S12CPUV2 FREESCALE-S12CPUV2 Datasheet
83Kb / 2P
Automotive applications
logo
Motorola, Inc
S12CPUV2D MOTOROLA-S12CPUV2D Datasheet
2Mb / 138P
MC9S12DT128 Device User Guide V02.09
logo
Freescale Semiconductor...
S12CPUV2D FREESCALE-S12CPUV2D Datasheet
1Mb / 126P
MC9S12DJ64 Device User GUide V01.17
More results


Similar Description - S12CPU15UG

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C7281 SAMSUNG-S3C7281 Datasheet
135Kb / 21P
The S3C7281 is a SAM48 core-based 4-bit CMOS single-chip microcontroller. It is built around the SAM48 core CPU and contains ROM, RAM.
logo
Freescale Semiconductor...
MC9S12DP256B FREESCALE-MC9S12DP256B Datasheet
3Mb / 126P
device made up of standard HCS12 blocks and the HCS12 processor core
logo
List of Unclassifed Man...
IC-8243 ETC1-IC-8243 Datasheet
209Kb / 3P
The 8243 core is the HDL model of the Intel??8243 input/output expander
logo
Infineon Technologies A...
XC800 INFINEON-XC800 Datasheet
1Mb / 132P
Microcontroller Family Architecture and Instruction Set
V 0.1, Jan 2005
logo
Zilog, Inc.
Z84C0008VEG ZILOG-Z84C0008VEG Datasheet
1Mb / 36P
The extensive instruction set contains 158 instructions, instructions,including the 8080A instruction set as a subest
logo
STMicroelectronics
UM1547 STMICROELECTRONICS-UM1547 Datasheet
523Kb / 51P
Using the firmware of the AT command set
24-Mar-2015
logo
List of Unclassifed Man...
A20 ETC2-A20 Datasheet
3Mb / 35P
ARMv7 ISA standard ARM instruction set
A31S ETC2-A31S Datasheet
1Mb / 34P
ARMv7 ISA standard ARM instruction set plus
MIL-STD-1750A ETC1-MIL-STD-1750A Datasheet
607Kb / 172P
Military Standard Sixteen-Bit Computer Instruction Set Architecture
logo
NXP Semiconductors
MC9S12KG128 NXP-MC9S12KG128 Datasheet
1Mb / 98P
The SoC Guide provides information about the MC9S12KG128 device made up of standard HCS12 blocks and the HCS12 processor core
08 MAR 2002
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com