Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSMN038-100HS Datasheet (PDF) - Nexperia B.V. All rights reserved

PSMN038-100HS Datasheet PDF - Nexperia B.V. All rights reserved
Part # PSMN038-100HS
Download  PSMN038-100HS Download
File Size   281.48 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description N-channel 100 V, 37.6 mOhm, standard level MOSFET in LFPAK56D using TrenchMOS technology

PSMN038-100HS Datasheet (PDF)

Go To PDF Page Download Datasheet
PSMN038-100HS Datasheet PDF - Nexperia B.V. All rights reserved

Part # PSMN038-100HS
Download  PSMN038-100HS Click to download

File Size   281.48 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description N-channel 100 V, 37.6 mOhm, standard level MOSFET in LFPAK56D using TrenchMOS technology

PSMN038-100HS Datasheet (HTML) - Nexperia B.V. All rights reserved


PSMN038-100HS Product details

General description
Dual standard level N-channel MOSFET in an LFPAK56D (Dual Power-SO8) package using
TrenchMOS technology.

Features and benefits
• High peak drain current IDM
• Copper clip and flexible Leads
• High operating junction temperature Tj = 175 °C
• Superior reliability
• Low body diode reverse recovery charge Qr

Applications
• Synchronous rectifier
• Forward and flyback converter
• Industrial drive
• Power management system
• Uninterruptible Power Supply (UPS)




Similar Part No. - PSMN038-100HS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN038-100K PHILIPS-PSMN038-100K Datasheet
271Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 January 2001
PSMN038-100K NXP-PSMN038-100K Datasheet
402Kb / 12P
N-channel TrenchMOS SiliconMAX standard level FET
Rev. 02-25 November 2009
logo
VBsemi Electronics Co.,...
PSMN038-100K VBSEMI-PSMN038-100K Datasheet
611Kb / 9P
N-Channel 100 V (D-S) MOSFET
logo
Nexperia B.V. All right...
PSMN038-100K NEXPERIA-PSMN038-100K Datasheet
886Kb / 12P
N-channel TrenchMOS SiliconMAX standard level FET
Rev. 02 - 25 November 2009
PSMN038-100YL NEXPERIA-PSMN038-100YL Datasheet
753Kb / 13P
N-channel 100 V 37.5 m廓 logic level MOSFET in LFPAK56
More results


Similar Description - PSMN038-100HS

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN013-60HS NEXPERIA-PSMN013-60HS Datasheet
281Kb / 12P
N-channel 60 V, 10 mOhm, standard level MOSFET in LFPAK56D using TrenchMOS technology
26 September 2022
PSMN014-60HS NEXPERIA-PSMN014-60HS Datasheet
336Kb / 12P
N-channel 60 V, 14 mOhm, standard level MOSFET in LFPAK56D using TrenchMOS technology
26 September 2022
PSMN025-100HS NEXPERIA-PSMN025-100HS Datasheet
277Kb / 12P
N-channel 100 V, 24.5 mOhm, standard level MOSFET in LFPAK56D using TrenchMOS technology
26 September 2022
PSMN028-100HS NEXPERIA-PSMN028-100HS Datasheet
276Kb / 12P
N-channel 100 V, 27.5 mOhm, standard level MOSFET in LFPAK56D using TrenchMOS technology
26 September 2022
PSMN029-100HL NEXPERIA-PSMN029-100HL Datasheet
303Kb / 12P
N-channel 100 V, 29 mOhm, logic level MOSFET in LFPAK56D using TrenchMOS technology
26 September 2022
PSMN033-100HL NEXPERIA-PSMN033-100HL Datasheet
337Kb / 12P
N-channel 100 V, 31 mOhm, logic level MOSFET in LFPAK56D using TrenchMOS technology
30 September 2022
PSMN045-100HL NEXPERIA-PSMN045-100HL Datasheet
297Kb / 12P
N-channel 100 V, 45 mOhm, logic level MOSFET in LFPAK56D using TrenchMOS technology
26 September 2022
PSMN6R8-40HS NEXPERIA-PSMN6R8-40HS Datasheet
286Kb / 12P
N-channel 40 V, 6.8 mOhm, standard level MOSFET in LFPAK56D using TrenchMOS technology
19 October 2022
PSMN8R5-40HS NEXPERIA-PSMN8R5-40HS Datasheet
341Kb / 12P
N-channel 40 V, 8.5 mOhm, standard level MOSFET in LFPAK56D using TrenchMOS technology
26 September 2022
PSMN9R3-60HS NEXPERIA-PSMN9R3-60HS Datasheet
325Kb / 12P
N-channel 60 V, 9.3 mOhm, standard level MOSFET in LFPAK56D using TrenchMOS technology
26 September 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com