Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PHPT60610PY Datasheet (PDF) - Nexperia B.V. All rights reserved

PHPT60610PY Datasheet PDF - Nexperia B.V. All rights reserved
Part # PHPT60610PY
Download  PHPT60610PY Download
File Size   269.29 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 60 V, 10 A PNP high power bipolar transistor

PHPT60610PY Datasheet (PDF)

Go To PDF Page Download Datasheet
PHPT60610PY Datasheet PDF - Nexperia B.V. All rights reserved

Part # PHPT60610PY
Download  PHPT60610PY Click to download

File Size   269.29 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 60 V, 10 A PNP high power bipolar transistor

PHPT60610PY Datasheet (HTML) - Nexperia B.V. All rights reserved


PHPT60610PY Product details

1. General description
PNP high power bipolar transistor in a SOT669 (LFPAK56) Surface-Mounted Device (SMD) power
plastic package.
NPN complement: PHPT60610NY

2. Features and benefits
• High thermal power dissipation capability
• High temperature applications up to 175 °C
• Reduced Printed Circuit Board (PCB) requirements comparing to transistors in DPAK
• High energy efficiency due to less heat generation
• AEC-Q101 qualified.

3. Applications
• Power management
• Load switch
• Linear mode voltage regulator
• Backlighting applications
• Motor drive
• Relay replacement




Similar Part No. - PHPT60610PY

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHPT60610PY NXP-PHPT60610PY Datasheet
248Kb / 17P
60 V, 10 A PNP high power bipolar transistor
27 May 2015
logo
Nexperia B.V. All right...
PHPT60610PY-Q NEXPERIA-PHPT60610PY-Q Datasheet
281Kb / 14P
60 V, 10 A PNP high power bipolar transistor
10 October 2024
More results


Similar Description - PHPT60610PY

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHPT60410PY NXP-PHPT60410PY Datasheet
254Kb / 16P
40 V, 10 A PNP high power bipolar transistor
21 January 2015
PHPT60606PY NXP-PHPT60606PY Datasheet
239Kb / 15P
60 V, 6 A PNP high power bipolar transistor
9 December 2014
PHPT60610NY NXP-PHPT60610NY Datasheet
251Kb / 17P
60 V, 10 A NPN high power bipolar transistor
27 May 2015
PHPT60610PY NXP-PHPT60610PY Datasheet
248Kb / 17P
60 V, 10 A PNP high power bipolar transistor
27 May 2015
PHPT61010PY NXP-PHPT61010PY Datasheet
239Kb / 16P
100 V, 10 A PNP high power bipolar transistor
20 March 2015
logo
Nexperia B.V. All right...
PHPT60603PY NEXPERIA-PHPT60603PY Datasheet
735Kb / 15P
60 V, 3 A PNP high power bipolar transistor
PHPT60610NY NEXPERIA-PHPT60610NY Datasheet
271Kb / 13P
60 V, 10 A NPN high power bipolar transistor
15 January 2019
PHPT60410PY NEXPERIA-PHPT60410PY Datasheet
730Kb / 16P
40 V, 10 A PNP high power bipolar transistor
21 January 2015
PHPT60606PY NEXPERIA-PHPT60606PY Datasheet
718Kb / 15P
60 V, 6 A PNP high power bipolar transistor
9 December 2014
PHPT61010PY NEXPERIA-PHPT61010PY Datasheet
719Kb / 16P
100 V, 10 A PNP high power bipolar transistor
20 March 2015
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com