Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D2V5H1BS2LP Datasheet (PDF) - Diodes Incorporated

D2V5H1BS2LP Datasheet PDF - Diodes Incorporated
Part # D2V5H1BS2LP
Download  D2V5H1BS2LP Download
File Size   351.61 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 1 CHANNEL BIDIRECTIONAL TVS

D2V5H1BS2LP Datasheet (PDF)

Go To PDF Page Download Datasheet
D2V5H1BS2LP Datasheet PDF - Diodes Incorporated

Part # D2V5H1BS2LP
Download  D2V5H1BS2LP Click to download

File Size   351.61 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 1 CHANNEL BIDIRECTIONAL TVS

D2V5H1BS2LP Datasheet (HTML) - Diodes Incorporated


D2V5H1BS2LP Product details

Features
 Low Profile Package (0.50mm Typical) and Ultra-Small PCB
Footprint Area (1.1mm × 0.7mm Max) Suitable for Compact
Portable Electronics
 One Channel of ESD and Surge Protection
 Provides ESD Protection per IEC 61000-4-2 Standard:
Air ±30kV, Contact ±30kV
 Provides Surge and Lightning Protection per IEC 61000-4-5
Standard: IPP Max 85A
 Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
 Halogen and Antimony Free. “Green” Device (Note 3)
 For automotive applications requiring specific change control
(i.e. parts qualified to AEC-Q100/101/200, PPAP capable, and
manufactured in IATF 16949 certified facilities), please
contact us or your local Diodes representative.

Applications
 Cellular Handsets
 Portable Electronics
 Computers and Peripheral




Similar Part No. - D2V5H1BS2LP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
D2V5H1BS2LP-7B DIODES-D2V5H1BS2LP-7B Datasheet
378Kb / 5P
1 CHANNEL BIDIRECTIONAL TVS
August 2020 Rev. 1 - 2
D2V5H1BS2LP4 DIODES-D2V5H1BS2LP4 Datasheet
378Kb / 5P
1 CHANNEL BIDIRECTIONAL TVS
August 2020 Rev. 1 - 2
More results


Similar Description - D2V5H1BS2LP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
D3V3L1B2WS DIODES-D3V3L1B2WS Datasheet
363Kb / 5P
1 CHANNEL BIDIRECTIONAL TVS
Rev. 1 - 2 September 2022
D1V8L1BS2LP3 DIODES-D1V8L1BS2LP3 Datasheet
425Kb / 5P
1 CHANNEL BIDIRECTIONAL TVS
July 2022 Rev. 2 - 2
D2V5H1BS2LP4 DIODES-D2V5H1BS2LP4 Datasheet
378Kb / 5P
1 CHANNEL BIDIRECTIONAL TVS
August 2020 Rev. 1 - 2
D2V5L1BS2LP DIODES-D2V5L1BS2LP Datasheet
351Kb / 5P
1 CHANNEL BIDIRECTIONAL TVS
March 2021 Rev. 2 - 2
D2V5L1BS2LP3 DIODES-D2V5L1BS2LP3 Datasheet
385Kb / 5P
1 CHANNEL BIDIRECTIONAL TVS
March 2021 Rev. 3 - 2
D3V3HN1B2LP DIODES-D3V3HN1B2LP Datasheet
352Kb / 5P
1 CHANNEL BIDIRECTIONAL TVS
December 2019 Rev. 1 - 1
D3V3L1B2T DIODES-D3V3L1B2T Datasheet
361Kb / 5P
1 CHANNEL BIDIRECTIONAL TVS
July 2022 Rev. 1 - 2
D4V5H1BS2LP DIODES-D4V5H1BS2LP Datasheet
352Kb / 5P
1 CHANNEL BIDIRECTIONAL TVS
October 2020 Rev. 1 - 2
D36V0L1B2LP DIODES-D36V0L1B2LP Datasheet
443Kb / 5P
1 CHANNEL BIDIRECTIONAL TVS
September 2021 Rev. 1 - 2
DESDALC5ALP DIODES-DESDALC5ALP Datasheet
508Kb / 6P
1 CHANNEL BIDIRECTIONAL TVS DIODE
June 2022 Rev. 1 - 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com