Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RPMGQ-20 Datasheet (PDF) - Recom International Power

RPMGQ-20 Datasheet PDF - Recom International Power
Part # RPMGQ-20
Download  RPMGQ-20 Download
File Size   935.88 Kbytes
Page   7 Pages
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power
Description 20 Amp QTR Brick Open Frame Single Output

RPMGQ-20 Datasheet (PDF)

Go To PDF Page Download Datasheet
RPMGQ-20 Datasheet PDF - Recom International Power

Part # RPMGQ-20
Download  RPMGQ-20 Click to download

File Size   935.88 Kbytes
Page   7 Pages
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power
Description 20 Amp QTR Brick Open Frame Single Output

RPMGQ-20 Datasheet (HTML) - Recom International Power


RPMGQ-20 Product details

Features
• 20A non isolated quarter brick
• 18 to 75VDC wide input range
• 3.3 to 24VDC adjustable output
• Standard industrial quarter brick format
• High efficiency up to 98%
• Operating temperature derates to 120°C




Similar Part No. - RPMGQ-20

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RPMG0024 MACOM-RPMG0024 Datasheet
95Kb / 2P
Accessories PCB Relay Card Relay E
RPMG0024 MACOM-RPMG0024 Datasheet
114Kb / 2P
Accessories Miniature PCB Relay RYII
RPMG0024 MACOM-RPMG0024 Datasheet
201Kb / 4P
Accessories Industrial Power Relay RT / RP / SR2M
RPMG0110 MACOM-RPMG0110 Datasheet
95Kb / 2P
Accessories PCB Relay Card Relay E
RPMG0110 MACOM-RPMG0110 Datasheet
114Kb / 2P
Accessories Miniature PCB Relay RYII
More results


Similar Description - RPMGQ-20

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NAD-600X ETC-NAD-600X Datasheet
41Kb / 2P
60W Open Frame Single Output
NAD-400X ETC1-NAD-400X Datasheet
55Kb / 2P
40Watts Open Frame Single Output
logo
Astec America, Inc
ALO25F24 ASTEC-ALO25F24 Datasheet
362Kb / 13P
Single Output 8th Brick: Open-Frame Module
ALO04B48N-6S ASTEC-ALO04B48N-6S Datasheet
898Kb / 26P
AEO/ALO Single Output 8th Brick: Baseplate or Open-Frame Module
ALO10B48N-6S ASTEC-ALO10B48N-6S Datasheet
1Mb / 30P
AEO40x48 / ALO40x48 Single Output 8th Brick: Baseplate or Open-Frame Module
logo
Recom International Pow...
RAC48-OF RECOM-RAC48-OF Datasheet
91Kb / 2P
48 Watt Open Frame Single Output
RAC60-OF RECOM-RAC60-OF Datasheet
91Kb / 2P
60 Watt Open Frame Single Output
RAC48-S-OF RECOM-RAC48-S-OF Datasheet
102Kb / 2P
48 Watt Open Frame Single Output
RAC60-S-OF RECOM-RAC60-S-OF Datasheet
102Kb / 2P
60 Watt Open Frame Single Output
RPMGS-20 RECOM-RPMGS-20 Datasheet
965Kb / 7P
20 Amp 16th Brick Open Frame Single Output
REV.: 0/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com