Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NGI-U05E Datasheet (PDF) - Tripp Lite. All Rights Reserved

NGI-U05E Datasheet PDF - Tripp Lite. All Rights Reserved
Part # NGI-U05E
Download  NGI-U05E Download
File Size   44.65 Kbytes
Page   4 Pages
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved
Description 5-Port Unmanaged Industrial Gigabit Ethernet Switch - 10/100/1000 Mbps, Ruggedized, -40° to 75°C, EIP QoS, DIN/Wall Mount

NGI-U05E Datasheet (PDF)

Go To PDF Page Download Datasheet
NGI-U05E Datasheet PDF - Tripp Lite. All Rights Reserved

Part # NGI-U05E
Download  NGI-U05E Click to download

File Size   44.65 Kbytes
Page   4 Pages
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved
Description 5-Port Unmanaged Industrial Gigabit Ethernet Switch - 10/100/1000 Mbps, Ruggedized, -40° to 75°C, EIP QoS, DIN/Wall Mount

NGI-U05E Datasheet (HTML) - Tripp Lite. All Rights Reserved


NGI-U05E Product details

Features
5-Port Unmanaged Gigabit Ethernet Switch Connects Your Devices to a LAN
This space-saving switch with EIP QoS transmits data over a Gigabit Ethernet network. Five autonegotiating
10/100/1000 Mbps ports send data only to the devices designated to receive it, which
improves the efficiency and potential throughput of the network.
Ethernet/IP Quality of Service (EIP QoS)
The EIP QoS control mechanism is widely used for Ethernet/IP data streams. Based on the application
requirements, this feature helps provide different priorities for different users or data streams. This helps
ensure that the performance of data streams deliver at a certain level. Note: While NGI-U05E does
support QoS, the feature is handled automatically by our product. If you want to control network traffic flow
or prioritize specific ports to your personal preference, you must use a router in your network with a QoS
tool to achieve this level of control.
Ruggedized Metal Housing Built to Last in Harsh Environments
The compact NGI-U05E adds 10/100/1000 Mbps Gigabit Ethernet capacity to your industrial and
commercial applications, such as factory floors, warehouse operations and other environments with space
constraints and wide temperature ranges. The industrial-grade high-strength case withstands vibration,
shock and free fall. It can also operate in extreme temperatures ranging from -40 to 75 degrees Celsius (-
40 to 167 degrees Fahrenheit).
Unmanaged Switch Requires Little to No Configuration
Quickly connect your network devices with little to no configuration. LEDs indicate when the switch is
powered on and which Ethernet ports are showing activity. The NGI-U05E supports MAC address autolearning
and auto-aging for efficient routing, as well as automatic MDI/MDI-X crossover detection for plugand-
play functionality. IEEE 802.3x flow control allows smooth transmission of large files.
Works with the Most Popular Web Browsers
The NGI-U05E is browser-based and works independently from the connected computer's operating
system. Because switch compatibility is based on common hardware standards, rather than system
software dependencies, the NGI-U05E accommodates most platforms. Preferred web browsers include
Google Chrome (on both Windows and macOS) and Microsoft Edge (Windows only).
Flexible Mounting Options
The open-type device may be DIN mounted using the pre-installed rail clip, which mounts firmly to any
standard 35 mm DIN rail. It may also be wall mounted vertically or horizontally using the rear mounting
holes. A 3-pin 12–48VDC terminal block supplies power input. Device power must be supplied by SELV
circuit.
TAA-Compliant for GSA Schedule Purchases
The NGI-U05E is compliant with the Federal Trade Agreements Act (TAA), which makes it eligible for
GSA (General Services Administration) Schedule and other federal procurement contracts.




Similar Part No. - NGI-U05E

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
NGI-U05 TRIPPLITE-NGI-U05 Datasheet
170Kb / 3P
5-Port Unmanaged Industrial Gigabit Ethernet Switch - 10/100/1000 Mbps, DIN/Wall Mount
NGI-U05C2POE4 TRIPPLITE-NGI-U05C2POE4 Datasheet
168Kb / 3P
5-Port Unmanaged Industrial Gigabit Ethernet Switch - 10/100/1000 Mbps, PoE 30W, -10째 to 60째C, 2 GbE SFP Slots, DIN Mount
NGI-U05POE4 TRIPPLITE-NGI-U05POE4 Datasheet
167Kb / 3P
5-Port Unmanaged Industrial Gigabit Ethernet Switch - 10/100/1000 Mbps, PoE 30W, -10째 to 60째C, DIN Mount
More results


Similar Description - NGI-U05E

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
NFI-U08-2 TRIPPLITE-NFI-U08-2 Datasheet
172Kb / 3P
8-Port Unmanaged Industrial Ethernet Switch - 10/100 Mbps, Ruggedized, DIN Mount
NFI-U05 TRIPPLITE-NFI-U05 Datasheet
170Kb / 3P
5-Port Unmanaged Industrial Ethernet Switch - 10/100 Mbps, Ruggedized, -40째 to 75째C, DIN/Wall Mount
NFI-U08-1 TRIPPLITE-NFI-U08-1 Datasheet
195Kb / 3P
8-Port Unmanaged Industrial Ethernet Switch - 10/100 Mbps, Ruggedized, -40째 to 75째C, DIN/Wall Mount
NGI-U05POE4 TRIPPLITE-NGI-U05POE4 Datasheet
167Kb / 3P
5-Port Unmanaged Industrial Gigabit Ethernet Switch - 10/100/1000 Mbps, PoE 30W, -10째 to 60째C, DIN Mount
NGI-U08 TRIPPLITE-NGI-U08 Datasheet
173Kb / 3P
8-Port Unmanaged Industrial Gigabit Ethernet Switch - 10/100/1000 Mbps, DIN Mount
NGI-U16 TRIPPLITE-NGI-U16 Datasheet
169Kb / 3P
16-Port Unmanaged Industrial Gigabit Ethernet Switch - 10/100/1000 Mbps, DIN Mount
NGI-U05 TRIPPLITE-NGI-U05 Datasheet
170Kb / 3P
5-Port Unmanaged Industrial Gigabit Ethernet Switch - 10/100/1000 Mbps, DIN/Wall Mount
NFI-U05A TRIPPLITE-NFI-U05A Datasheet
44Kb / 4P
5-Port Unmanaged Industrial Ethernet Switch - 10/100 Mbps, Ruggedized, -40° to 75°C, EIP QoS, DIN/Wall Mount
NFI-U08-2A TRIPPLITE-NFI-U08-2A Datasheet
46Kb / 4P
8-Port Unmanaged Industrial Ethernet Switch - 10/100 Mbps, Ruggedized, -40° to 75°C, EIP QoS, DIN Mount
NGI-U08A TRIPPLITE-NGI-U08A Datasheet
47Kb / 4P
8-Port Unmanaged Industrial Gigabit Ethernet Switch - 10/100/1000 Mbps, Ruggedized, -40° to 75°C, EIP QoS, DIN Mount
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com