Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U040AB-006CS5LB Datasheet (PDF) - Tripp Lite. All Rights Reserved

U040AB-006CS5LB Datasheet PDF - Tripp Lite. All Rights Reserved
Part # U040AB-006CS5LB
Download  U040AB-006CS5LB Download
File Size   40.76 Kbytes
Page   3 Pages
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved
Description Safe-IT USB-C Cable (M/M), Antibacterial, Ultra Flexible, 240W PD Charging, Light Blue, 6 ft. (1.8 m)

U040AB-006CS5LB Datasheet (PDF)

Go To PDF Page Download Datasheet
U040AB-006CS5LB Datasheet PDF - Tripp Lite. All Rights Reserved

Part # U040AB-006CS5LB
Download  U040AB-006CS5LB Click to download

File Size   40.76 Kbytes
Page   3 Pages
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved
Description Safe-IT USB-C Cable (M/M), Antibacterial, Ultra Flexible, 240W PD Charging, Light Blue, 6 ft. (1.8 m)

U040AB-006CS5LB Datasheet (HTML) - Tripp Lite. All Rights Reserved


U040AB-006CS5LB Product details

Features
USB-C Cable Connects Devices for Charging or Transferring Data
This USB cable (M/M) is compatible with any device with a USB-C or Thunderbolt 3 port, including a
MacBook Pro, iPad, iMac, Chromebook or Windows laptop. It allows you to connect your notebook
computer to a docking station, your Apple or Android device to a wall charger or power bank, or an
external hard drive to a PC or tablet.
Innovative Soft Cable Jacket Prevents Tangles, Allows Flexible Bends
Very flexible for convenient on-the-go connections, this ultra-soft silicone-layered jacket avoids nasty
tangles in your backpack or laptop bag and feels nice to the touch. Plus, it bends easily for connecting to
devices in tight spaces or around obstacles.
PD Charging Cable Supports up to 240W for Syncing and Charging Mobile Devices
The Power Delivery cable provides power output up to 48V 5A (240W), more than sufficient for fast
charging, syncing and powering most large-capacity devices, including the MacBook Pro. It is backward
compatible with lower wattages, including 100W and 60W, and will communicate with the connected
device to determine what level of power can be supported. This USB-C to USB-C cable also supports
USB 2.0 data transfer rates up to 480 Mbps.
Provides Extra Protection Against Certain Bacteria
The molded connectors and jacket are constructed using an antibacterial material that is effective in
inhibiting Escherichia coli (E. coli) and Staphylococcus aureus (staph). This added protection makes this
Safe-It™ cable an ideal solution for medical facilities, schools, businesses, restaurants/kitchens and
anywhere else that needs extra protection against bacteria.
Light Blue Jacket Helps Avoid Misidentification That Can Cause Costly Downtime
The USB cable has a light blue jacket, which is easy to identify quickly in a crowded docking station or
USB hub and helps prevent the cable from becoming accidentally disconnected.




Similar Part No. - U040AB-006CS5LB

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U040-003-C TRIPPLITE-U040-003-C Datasheet
180Kb / 3P
USB-C Cable (M/M) - USB 2.0, Thunderbolt 3, 60W PD Charging, Black, 3 ft. (0.9 m)
U040-003-C-5A TRIPPLITE-U040-003-C-5A Datasheet
166Kb / 3P
USB 2.0 Cable with 5A Rating, USB-C to USB-C (M/M), 3 ft.
U040-006 TRIPPLITE-U040-006 Datasheet
486Kb / 2P
USB 2.0 Hi-Speed Cable, USB Type-B Male to USB Type-C (USB-C) Male, 6-ft.
U040-006-C TRIPPLITE-U040-006-C Datasheet
157Kb / 3P
USB 2.0 Cable, USB Type-C (USB-C) to USB Type-C M/M, 6-ft. Length
U040-006-C-5A TRIPPLITE-U040-006-C-5A Datasheet
166Kb / 3P
USB 2.0 Cable with 5A Rating, USB-C to USB-C (M/M), 6 ft.
More results


Similar Description - U040AB-006CS5LB

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
M100AB-01M-WH TRIPPLITE-M100AB-01M-WH Datasheet
163Kb / 3P
Safe-IT USB-A to Lightning Sync/Charge Antibacterial Cable (M/M), MFi Certified, White, 1 m (3.3 ft.)
M100AB-03M-WH TRIPPLITE-M100AB-03M-WH Datasheet
163Kb / 3P
Safe-IT USB-A to Lightning Sync/Charge Antibacterial Cable (M/M), MFi Certified, White, 3 m (9.8 ft.)
M102AB-01M-WH TRIPPLITE-M102AB-01M-WH Datasheet
161Kb / 3P
Safe-IT USB-C to Lightning Sync/Charge Antibacterial Cable (M/M), MFi Certified, White, 1 m (3.3 ft.)
M102AB-02M-WH TRIPPLITE-M102AB-02M-WH Datasheet
161Kb / 3P
Safe-IT USB-C to Lightning Sync/Charge Antibacterial Cable (M/M), MFi Certified, White, 2 m (6.6 ft.)
U421-006 TRIPPLITE-U421-006 Datasheet
183Kb / 3P
USB-C Extension Cable (M/F) - USB 3.2 Gen 1, Thunderbolt 3, 60W PD Charging, Black, 6 ft. (1.8 m)
M102AB-006-S-LB TRIPPLITE-M102AB-006-S-LB Datasheet
76Kb / 3P
Safe-IT USB-C to Lightning Sync/Charge Antibacterial Cable, Ultra Flexible, MFi Certified - USB 2.0 (M/M), Light Blue, 6 ft. (1.83 m)
M100AB-003-S-LB TRIPPLITE-M100AB-003-S-LB Datasheet
42Kb / 3P
Safe-IT USB-A to Lightning Sync/Charge Antibacterial Cable (M/M), Ultra Flexible, MFi Certified, Light Blue, 3 ft. (0.91 m)
M100AB-006-S-LB TRIPPLITE-M100AB-006-S-LB Datasheet
43Kb / 3P
Safe-IT USB-A to Lightning Sync/Charge Antibacterial Cable (M/M), Ultra Flexible, MFi Certified, Light Blue, 6 ft. (1.83 m)
M102AB-003-S-LB TRIPPLITE-M102AB-003-S-LB Datasheet
41Kb / 3P
Safe-IT USB-C to Lightning Sync/Charge Antibacterial Cable, Ultra Flexible, MFi Certified - USB 2.0 (M/M), Light Blue, 3 ft. (0.91 m)
U038AB-006-S-LB TRIPPLITE-U038AB-006-S-LB Datasheet
41Kb / 3P
Safe-IT USB-A to USB-C Antibacterial Cable, USB 2.0, Ultra Flexible (M/M), Light Blue, 6 ft. (1.8 m)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com