Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRF4002W Datasheet (PDF) - Guerrilla RF, Inc.

GRF4002W Datasheet PDF - Guerrilla RF, Inc.
Part # GRF4002W
Download  GRF4002W Download
File Size   1394.1 Kbytes
Page   17 Pages
Manufacturer  GUERRILLA [Guerrilla RF, Inc.]
Direct Link  https://www.guerrilla-rf.com/
Logo GUERRILLA - Guerrilla RF, Inc.
Description LINEAR DRIVER: SDARS / COMPENSATOR / GPS 0.1 to 3.8 GHz

GRF4002W Datasheet (PDF)

Go To PDF Page Download Datasheet
GRF4002W Datasheet PDF - Guerrilla RF, Inc.

Part # GRF4002W
Download  GRF4002W Click to download

File Size   1394.1 Kbytes
Page   17 Pages
Manufacturer  GUERRILLA [Guerrilla RF, Inc.]
Direct Link  https://www.guerrilla-rf.com/
Logo GUERRILLA - Guerrilla RF, Inc.
Description LINEAR DRIVER: SDARS / COMPENSATOR / GPS 0.1 to 3.8 GHz

GRF4002W Datasheet (HTML) - Guerrilla RF, Inc.


GRF4002W Product details

FEATURES
Flexible Bias Voltage and Current
Process: GaAs pHEMT
Internally Matched to 50 Ω
Compact 1.5 x 1.5 mm DFN-6 Package
Tested to AEC-Q100 Grade 2
100% Device Reflow at Assembly
100% Optical Die Inspection
Reference: 5 V / 2.5 GHz / 70 mA
Gain: 15 dB
OIP3: 36.5 dBm
OP1dB: 23.5 dBm
Evaluation Board Noise Figure: 0.85 dB

APPLICATIONS
SDARS LNA
Cellular Repeaters (Compensator)
GPS




Similar Part No. - GRF4002W

ManufacturerPart #DatasheetDescription
logo
Guerrilla RF, Inc.
GRF4002 GUERRILLA-GRF4002 Datasheet
976Kb / 15P
Broadband LNA/Linear Driver 0.1??.8 GHz
GRF4002-W GUERRILLA-GRF4002-W Datasheet
984Kb / 16P
LNA-Driver: SDARS/Compensator/GPS
More results


Similar Description - GRF4002W

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY13414-485LF SKYWORKS-SKY13414-485LF Datasheet
398Kb / 11P
0.1 to 3.8 GHz SP4T Antenna Switch
SKY13415-485LF SKYWORKS-SKY13415-485LF Datasheet
404Kb / 11P
0.1 to 3.8 GHz SP5T Antenna Switch
SKY13416-485LF SKYWORKS-SKY13416-485LF Datasheet
444Kb / 12P
0.1 to 3.8 GHz SP6T Antenna Switch
logo
Guerrilla RF, Inc.
GRF4002-W GUERRILLA-GRF4002-W Datasheet
984Kb / 16P
LNA-Driver: SDARS/Compensator/GPS
GRF4107 GUERRILLA-GRF4107 Datasheet
866Kb / 12P
Ultra-linear PA/Driver??Tuning Range: 0.1 ??3.8 GHz
GRF4003 GUERRILLA-GRF4003 Datasheet
990Kb / 15P
Broadband LNA/Linear Driver 0.1—3.8 GHz
10/01/19
GRF4004 GUERRILLA-GRF4004 Datasheet
894Kb / 13P
Broadband LNA/Linear Driver Tuning Range: 0.1—3.8 GHz
10/01/19
GRF4005 GUERRILLA-GRF4005 Datasheet
937Kb / 13P
Broadband LNA/Linear Driver Tuning Range: 0.1—3.8 GHz
10/01/19
GRF2100W GUERRILLA-GRF2100W Datasheet
1Mb / 17P
LOW-CURRENT LNA 0.1 to 3.8 GHz
May 1, 2023
logo
Skyworks Solutions Inc.
SKYA21029 SKYWORKS-SKYA21029 Datasheet
400Kb / 11P
0.1 to 3.8 GHz SP4T Antenna Switch
July 10, 2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com